Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7092 Datasheet(PDF) 51 Page - STMicroelectronics

Part # TEA7092
Description  TELEPHONE SET INTEGRATED CIRCUIT
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7092 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button TEA7092 Datasheet HTML 47Page - STMicroelectronics TEA7092 Datasheet HTML 48Page - STMicroelectronics TEA7092 Datasheet HTML 49Page - STMicroelectronics TEA7092 Datasheet HTML 50Page - STMicroelectronics TEA7092 Datasheet HTML 51Page - STMicroelectronics TEA7092 Datasheet HTML 52Page - STMicroelectronics TEA7092 Datasheet HTML 53Page - STMicroelectronics TEA7092 Datasheet HTML 54Page - STMicroelectronics TEA7092 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
I
E0
RL1
L1
I
E
IS
RL
I
S0
V
LS
I
SRL
C1
D7
V
E1
C5
I
Et
V
E
SW1
Figure 67
VI - RINGER FEATURES (continued)
VI.3 - Ring Frequency Generator
The ring frequency values which can be generated
are those given Page 45 of this application note.
On the Table given at Page 45, only the frequency
values for n > 15 are given, the frequency values
from n = 1 (1000000) to n = 15 (1001111) are also
accessible, if it is neccessary to generate a fre-
quency higher than 1645Hz.
VI.4 - Output Power Optimization
The power available on Pin LSOUT (Pin 44) de-
pends on :
- The country requires :
• Minimum input ac level in test conditions.
• Ring impedance.
Taking in account these main requests the power
on Pin LSOUT (Pin 44) is optimized through the
resistor R40 connected on Pin RCO (Pin 41).
- The yield of the switch mode power supply.
The principal parameters which influence the
yield are :
• D7 VBE value.
• T1 VCEsat and base current values (the maxi-
mum IC PEAK value is 100mA).
• L1 serial resistor value.
• Current consumption on Pin VZP (Pin 38) and
on Pin RSU (Pin 40).
• Bias current consumption on Pin VLS
This paragraph gives information on :
- The switch mode power supply concept.
- The switch mode power supply yield.
- The ring output power optimization on Pin LSOUT
(Pin 44).
VI.4.1 - Switch Mode Power Supply Concept
After the ring bridge, the switch mode power supply
concept is represented in Figure 67.
VE
Input voltage equivalent to VRING1
VE1
Input voltage after the switch SW1
IE
Mean input current
VS
Output voltage at Pin VLS (Pin 1)
IS
Mean output current
VD
Voltage across D7 when it is in
forward mode
IE0
Primary bias current
IS0
Secondary bias current
RL1
Resistive part of the coil L1
Switch SW1
- VCEsat of T1 PNP
-IB1, T1 base current
-tD, T1 desaturation time
-VE1 =VE -VCEsat(T1)
Figure 68 gives the voltage,VE1, the current in the
coil, ISELF, the current in D7, IDIODE and the current
in the switch SW1 given by C6, ICAPA.
The value of the maximum current in the coil is fixed
by tON and tOFF depends on RL. When RL de-
creases, tON increases. The coil value should be
calculated so that the current in the coil reaches the
zero value with the minimum charge.
IMax.
= tON
⋅
VE1
− VLS
L
(1)
L is the value of the coil L1.
The ratio between tON and tOFF is :
tON
tOFF
=
VD
+ VLS
VE1
− VLS
(2)
The output current IS is :
IS
=
IMax.
2
⋅
tON
+ tOFF
t
(3)
TEA7092 - TELEPHONE SET INTEGRATED CIRCUIT
51/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com