Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7092 Datasheet(PDF) 39 Page - STMicroelectronics

Part # TEA7092
Description  TELEPHONE SET INTEGRATED CIRCUIT
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7092 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TEA7092 Datasheet HTML 35Page - STMicroelectronics TEA7092 Datasheet HTML 36Page - STMicroelectronics TEA7092 Datasheet HTML 37Page - STMicroelectronics TEA7092 Datasheet HTML 38Page - STMicroelectronics TEA7092 Datasheet HTML 39Page - STMicroelectronics TEA7092 Datasheet HTML 40Page - STMicroelectronics TEA7092 Datasheet HTML 41Page - STMicroelectronics TEA7092 Datasheet HTML 42Page - STMicroelectronics TEA7092 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
IV - MICROCONTROLLER INTERFACE
IV.1 - Microcontroller Power Supply
The microcontroller is used in every modes,
speech, dialing and ring.
It is requested to start quickly in ring mode, less
than 200ms and to maintain the supply on the
microcontroller in pulse dialing mode, with a low
voltage across the telephoneset, or during an earth
loop connection, in these two modes the microcon-
troller is supplied through the energy previously
stocked in a capacitor and this capacitor should be
able to maintain the power on the microcontroller
during one second.
This compromise between the different modes is
carried out through the microcontroller power man-
agement which is connectedon Pin VMC (Pin 2) and
on Pin VRMC (Pin 8).
Figure 57 shows the microcontroller power supply
management.
In OFF-HOOK mode :
- C10 on Pin VMC (Pin 2) is charged in priority with
the Istartup (ILS) current source and is, after Reset
high, powered with IVMC (see Section II.1.3 -
START UP CHARACTERISTICS).
- The voltage on Pin VMC (Pin 2) is equal to :
VL (Pin 3) - 0.4V
- In Pulse dialing mode the microcontroller connected
on the 3.5V regulated voltage, Pin VRMC (Pin 8), is
powered through the serial regulator.
In Ring mode :
- For the microcontroller power supply only the
c apac it or C15 of 4. 7
µF connecte d on
Pin VRMC (Pin 8) has to be charged, so the start-
up time in ring mode can be less than 200ms.
IV.2 - Reset and Pon Signals
These two pieces of information give the status of
the Pin VRMC (Pin 8) and of the line current, IL.
In OFF-HOOK mode :
- Pin RESET (Pin 11) goes at high level when VRMC
reaches 2.6V and then remains at high level until
VRMC reaches the decay threshold fixed at 2.5V,
or the Reset code (0 0 1 0 1 1 1) is received
through the serial bus interface when PON is at
low level. If the Reset code has been previously
sent Pin RESET (Pin 11) goes back to an high
level, if VRMC is higher than the rise threshold, on
a rise edge of PON signal.
Note : when PON is at high level, the Reset code
is inhibited.
- Pin PON (Pin 12) goes at high level when the
voltage at Pin VRMC (Pin 8) reaches 2.6V and the
line current (IL) reaches the value of 12mA, and
then remains at high level until the line current (IL)
goes below the threshold level fixed through the
configuration code sent on the serial bus inter-
face.
• Decay threshold level : IL = 12mA by default
configuration.
• Decay threshold level : IL = 4mA if the code
(0 1 1 1 0 0 1) is sent.
I
VMC
Info for
PON & RESET
V
BANDGAP
470k
Ω
8
V
RMC
C15
4.7
µF
+
3
V
L
2
V
MC
+
C10
470
µF
I
START =ILS
Close if
RESET Low and
I
L Present
TEA7092
µF
+
LCD
3.5V
1
V
LS
Battery
Figure 57
TEA7092 - TELEPHONE SET INTEGRATED CIRCUIT
39/57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com