Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP201PZP Datasheet(PDF) 4 Page - Texas Instruments

Part # TFP201PZP
Description  TI PANEL BUS DIGITAL RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP201PZP Datasheet(HTML) 4 Page - Texas Instruments

  TFP201PZP Datasheet HTML 1Page - Texas Instruments TFP201PZP Datasheet HTML 2Page - Texas Instruments TFP201PZP Datasheet HTML 3Page - Texas Instruments TFP201PZP Datasheet HTML 4Page - Texas Instruments TFP201PZP Datasheet HTML 5Page - Texas Instruments TFP201PZP Datasheet HTML 6Page - Texas Instruments TFP201PZP Datasheet HTML 7Page - Texas Instruments TFP201PZP Datasheet HTML 8Page - Texas Instruments TFP201PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TFP201, TFP201A
TI PanelBus DIGITAL RECEIVER
SLDS116A - MARCH 2000 – REVISED JUNE 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
OGND
19,28,45,
58,76
GND
Output driver ground – Ground reference and current return for digital output drivers
OCK_INV
100
DI
ODCK Polarity – Selects ODCK edge on which pixel data (QE[23:0] and QO[23:0]) and control signals
(HSYNC, VSYNC, DE, CTL1-3 ) are latched
Normal Mode:
High : Latches output data on rising ODCK edge
Low : Latches output data on falling ODCK edge
PD
2
DI
Power down – An active low signal that controls the TFP201/201A power-down state. During power down all
output buffers are switched to a high impedance state. All analog circuits are powered down and all inputs are
disabled, except for PD.
If PD is left unconnected an internal pullup will default the TFP201/201A to normal operation.
High : Normal operation
Low: Power down
PDO
9
DI
Output drive power down – An active low signal that controls the power-down state of the output drivers.
During output drive power down, the output drivers (except SCDT and CTL1) are driven to a high impedance
state. When PDO is left unconnected, an internal pullup defaults the TFP201/201A to normal operation.
High : Normal operation/output drivers on
Low: Output drive power down.
PGND
98
GND
PLL GND – Ground reference and current return for internal PLL
PIXS
4
DI
Pixel select – Selects between one or two pixels per clock output modes. During the 2-pixel/clock mode, both
even pixels, QE[23:0], and odd pixels, QO[23:0], are output in tandem on a given clock cycle. During
1-pixel/clock, even and odd pixels are output sequentially, one at a time, with the even pixel first, on the even
pixel bus, QE[23:0]. (The first pixel per line is pixel-0, the even pixel. The second pixel per line is pixel-1, the
odd pixel.)
High : 2-pixel/clock
Low: 1-pixel/clock
QE[0:7]
10-17
DO
Even blue pixel output – Output for even and odd blue pixels when in 1-pixel/clock mode. Output for even only
blue pixel when in 2-pixel per clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QE0/pin 10
MSB: QE7/pin 17
QE[8:15]
20-27
DO
Even green pixel output – Output for even and odd green pixels when in 1-pixel/clock mode. Output for even
only green pixel when in 2-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QE8/pin 20
MSB: QE15/pin 27
QE[16:23]
30-37
DO
Even red pixel output – Output for even and odd red pixels when in 1-pixel/clock mode. Output for even only
red pixel when in 2-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QE16/pin 30
MSB: QE23/pin 37
QO[0:7]
49-56
DO
Odd blue pixel output – Output for odd only blue pixel when in 2-pixel/clock mode. Not used, and held low,
when in 1-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QO0/pin 49
MSB: QO7/pin 56
QO[8:15]
59-66
DO
Odd green pixel output – Output for odd only green pixel when in 2-pixel/clock mode. Not used, and held low,
when in 1-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QO8/pin 59
MSB: QO15/pin 66
QO[16:23]
69-75,77
DO
Odd red pixel output – Output for odd only red pixel when in 2-pixel/clock mode. Not used, and held low, when
in 1-pixel/clock mode. Output data is synchronized to the output data clock, ODCK.
LSB: QO16/pin 69
MSB: QO23/pin 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com