Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP201PZP Datasheet(PDF) 15 Page - Texas Instruments

Part # TFP201PZP
Description  TI PANEL BUS DIGITAL RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP201PZP Datasheet(HTML) 15 Page - Texas Instruments

Back Button TFP201PZP Datasheet HTML 10Page - Texas Instruments TFP201PZP Datasheet HTML 11Page - Texas Instruments TFP201PZP Datasheet HTML 12Page - Texas Instruments TFP201PZP Datasheet HTML 13Page - Texas Instruments TFP201PZP Datasheet HTML 14Page - Texas Instruments TFP201PZP Datasheet HTML 15Page - Texas Instruments TFP201PZP Datasheet HTML 16Page - Texas Instruments TFP201PZP Datasheet HTML 17Page - Texas Instruments TFP201PZP Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
TFP201, TFP201A
TI PanelBus DIGITAL RECEIVER
SLDS116A - MARCH 2000 – REVISED JUNE 2000
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 1 outlines the thermal properties of the TI 100-TQFP PowerPAD
 package. The 100-TQFP non-
PowerPAD
 package is included only for reference.
Table 1. TI 100-TQFP (14
× 14 × 1 mm)/0.5 mm Lead Pitch
PARAMETER
WITHOUT
PowerPAD
PowerPAD
NOT CONNECTED TO PCB
THERMAL PLANE
PowerPAD
CONNECTED TO PCB
THERMAL PLANE†
Theta-JA†,‡
45
°C/W
27.3
°C/W
17.3
°C/W
Theta-JC†,‡
3.11
°C/W
0.12
°C/W
0.12
°C/W
Maximum power dissipation†,‡,§
1.6 W
2.7 W
4.3 W
† Specified with 2 oz. Cu PCB plating.
‡ Airflow is at 0 LFM (no airflow)
§ Measured at ambient temperature, TA = 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com