Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP201PZP Datasheet(PDF) 7 Page - Texas Instruments

Part # TFP201PZP
Description  TI PANEL BUS DIGITAL RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP201PZP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TFP201PZP Datasheet HTML 3Page - Texas Instruments TFP201PZP Datasheet HTML 4Page - Texas Instruments TFP201PZP Datasheet HTML 5Page - Texas Instruments TFP201PZP Datasheet HTML 6Page - Texas Instruments TFP201PZP Datasheet HTML 7Page - Texas Instruments TFP201PZP Datasheet HTML 8Page - Texas Instruments TFP201PZP Datasheet HTML 9Page - Texas Instruments TFP201PZP Datasheet HTML 10Page - Texas Instruments TFP201PZP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TFP201, TFP201A
TI PanelBus DIGITAL RECEIVER
SLDS116A - MARCH 2000 – REVISED JUNE 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
ac specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VID(2)
Differential input sensitivity†
150
1560
mVp-p
tps
Analog input intra-pair (+ to -) differential skew (see Note 6)
0.4
tbit‡
tccs
Analog Input inter-pair or channel-to-channel skew
(see Note 6)
1
tpix§
tijit
Worse case differential input clock jitter tolerance¶
(see Note 6)
50
ps
tf1
Fall time of data and control signals#, ||
ST = Low,
CL=5 pF
ST = High,
CL=10 pF
2.4
1.9
ns
tr1
Rise time of data and control signals#, ||
ST = Low,
CL=5 pF
ST = High,
CL=10 pF
2.4
1.9
ns
tr2
Rise time of ODCK clock#
ST = Low,
CL=5 pF
ST = High,
CL=10 pF
2.4
1.9
ns
tf2
Fall time of ODCK clock#
ST = Low,
CL=5 pF
ST = High,
CL=10 pF
2.4
1.9
ns
tsu1
Setup time, data and control signal to falling edge of ODCK
(OCK_INV = low)||
ST = Low,
CL=5 pF
ST = High,
CL=10 pF
2.3
ns
th1
Hold time, data and control signal to falling edge of ODCK
(OCK_INV = low)||
ST = Low,
CL=5 pF
ST = High,
CL=10 pF
2.3
ns
tsu2
Setup time, data and control signal to rising edge of ODCK
(OCK_INV = high)||
ST = Low,
CL=5 pF
ST = High,
CL=10 pF
2.3
ns
th2
Hold time, data and control signal to rising edge of ODCK
(OCK_INV = high)||
ST = Low,
CL=5 pF
ST = High,
CL=10 pF
1.8
ns
f
ODCK freq enc
PIX = Low (1-PIX/CLK)
25
112
MH
fODCK
ODCK frequency
PIX = High (2-PIX/CLK)
12.5
56
MHz
ODCK duty-cycle
40%
50%
60%
tpd(PDL)
Propagation delay time from PD low to Hi-Z outputs
9
ns
tpd(PDOL)
Propagation delay time from PDO low to Hi-Z outputs
9
ns
tt(HSC)
Transition time between DE transition to SCDT lowk
1e6
tpix
tt(FSC)
Transition time between DE transition to SCDT highk
1600
tpix
td(st)
Delay time, ODCK latching edge to QE[23:0] data output
STAG = Low
Pixs = High
0.25
tpix
† Specified as ac parameter to include sensitivity to overshoot, undershoot and reflection.
‡ tbit is 1/10 the pixel time, tpix
§ tpix is the pixel time defined as the period of the RxC input clock. The period of ODCK is equal to tpix in 1-pixel/clock mode or 2tpix when in
2-pixel/clock mode.
¶ Measured differentially at 50% crossing using ODCK output clock as trigger.
# Rise and fall times measured as time between 20% and 80% of signal amplitude.
|| Data and control signals are : QE[23:0], QO[23:0], DE, HSYNC, VSYNC and CTL[3:1]
kLink active or inactive is determined by amount of time detected between DE transitions. SCDT indicates link activity.
NOTE 6: By characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com