Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP201PZP Datasheet(PDF) 3 Page - Texas Instruments

Part # TFP201PZP
Description  TI PANEL BUS DIGITAL RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP201PZP Datasheet(HTML) 3 Page - Texas Instruments

  TFP201PZP Datasheet HTML 1Page - Texas Instruments TFP201PZP Datasheet HTML 2Page - Texas Instruments TFP201PZP Datasheet HTML 3Page - Texas Instruments TFP201PZP Datasheet HTML 4Page - Texas Instruments TFP201PZP Datasheet HTML 5Page - Texas Instruments TFP201PZP Datasheet HTML 6Page - Texas Instruments TFP201PZP Datasheet HTML 7Page - Texas Instruments TFP201PZP Datasheet HTML 8Page - Texas Instruments TFP201PZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TFP201, TFP201A
TI PanelBus DIGITAL RECEIVER
SLDS116A - MARCH 2000 – REVISED JUNE 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
_
+
Latch
Channel 2
_
+
Latch
Channel 1
_
+
Latch
Channel 0
_
+
PLL
Data Recovery
and
Synchronization
TMDS
Decoder
CH2(0-9)
CH1(0-9)
CH0(0-9)
Panel
Interface
RED(0-7)
CTL3
CTL2
GRN(0-7)
CTL1
BLU(0-7)
VSYNC
HSYNC
QE(0-23)
QO(0-23)
ODCK
DE
SCDT
CTL3
CTL2
CTL1
VSYNC
HSYNC
1.8 V
Regulator
3.3 V
Internal 50-
Ω
Termination
3.3 V
3.3 V
Rx2+
Rx2-
Rx1+
Rx1-
Rx0+
Rx0-
RxC+
RxC-
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
79,83,87,
89,92
GND
Analog Ground – Ground reference and current return for analog circuitry.
AVDD
82,84,88,
95
VDD
Analog VDD – Power supply for analog circuitry. Nominally 3.3 V
CTL[3:1]
42,41,40
DO
General-purpose control signals – Used for user defined control. CTL1 is not powered-down via PDO.
DE
46
DO
Output data enable – Used to indicate time of active video display versus non-active display or blank time.
During blank, only HSYNC, VSYNC, and CTL1-3 are transmitted. During times of active display, or non-blank,
only pixel data, QE[23:0] and QO[23:0], is transmitted.
High : Active display time
Low: Blank time
DFO
1
DI
Output clock data format – Controls the output clock (ODCK) format for either TFT or DSTN panel support. For
TFT support ODCK clock runs continuously. For DSTN support ODCK only clocks when DE is high, otherwise
ODCK is held low when DE is low.
High : DSTN support/ODCK held low when DE = low
Low: TFT support/ODCK runs continuously.
DGND
5,39,68
GND
Digital ground – Ground reference and current return for digital core
DVDD
6,38,67
VDD
Digital VDD – Power supply for digital core. Nominally 3.3 V
EXT_RES
96
AI
Internal impedance matching – The TFP201/201A is internally optimized for impedance matching at 50
Ω. An
external resistor tied to this pin will have no effect on device performance.
HSYNC
48
DO
Horizontal sync output
RSVD
99
DI
Reserved. Must be tied high for normal operation.
OVDD
18,29,43,
57,78
VDD
Output driver VDD – Power supply for output drivers. Nominally 3.3 V
ODCK
44
DO
Output data clock - Pixel clock. All pixel outputs QE[23:0] and QO[23:0] (if in 2-pixel/clock mode) along with
DE, HSYNC, VSYNC and CTL[3:1] are synchronized to this clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com