Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VIPER53
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VIPER53 Datasheet HTML 10Page - STMicroelectronics VIPER53 Datasheet HTML 11Page - STMicroelectronics VIPER53 Datasheet HTML 12Page - STMicroelectronics VIPER53 Datasheet HTML 13Page - STMicroelectronics VIPER53 Datasheet HTML 14Page - STMicroelectronics VIPER53 Datasheet HTML 15Page - STMicroelectronics VIPER53 Datasheet HTML 16Page - STMicroelectronics VIPER53 Datasheet HTML 17Page - STMicroelectronics VIPER53 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
VIPer53DIP / VIPer53SP
14/24
provides a soft start-up of the converter. The rising
speed of the output voltage can be set through the
value of C7. C4 and C6 values must be adjusted
accordingly in order to ensure a correct start-up.
CURRENT MODE TOPOLOGY
The VIPer53 implements the conventional current
mode control method for regulating the output
voltage. This kind of feedback includes two nested
regulation loops:
The inner loop controls the peak primary current
cycle by cycle. When the Power MOSFET output
transistor is on, the inductor current (primary side
of the transformer) is monitored with a SenseFET
technique and converted into a voltage VS. When
VS reaches VCOMP, the power switch is turned off.
This structure is completely integrated as shown
on the Block Diagram of page 1, with the current
amplifier, the PWM comparator, the blanking time
function and the PWM latch. The following formula
gives the peak current in the Power MOSFET
according to the compensation voltage:
The outer loop defines the level at which the inner
loop regulates peak current in the power switch.
For this purpose, VCOMP is driven by the output of
the error amplifier (Either the internal one in
primary feedback configuration or a TL431 through
an
optocoupler
in
secondary
feedback
configuration, see figures 14 and 15) and is set
accordingly the peak drain current for each
switching cycle.
As the inner loop regulates the peak primary
current in the primary side of the transformer, all
input voltage changes are compensated for before
impacting the output voltage. This results in an
improved line regulation, instantaneous correction
to line changes and better stability for the voltage
regulation loop.
Current mode topology also provides a good
converter start-up control. As the compensation
voltage can be controlled to increase slowly during
the start-up phase, the peak primary current will
follow this soft voltage slope to provide a smooth
output voltage rise, without any overshoot. The
simpler voltage mode structure which only controls
the duty cycle, leads generally to high currents at
start-up with the risk of transformer saturation. The
compensation pin can also be used to limit the
current capability of the device (See Current
Limitation section).
An integrated blanking filter inhibits the PWM
comparator output for a short time after the
integrated Power MOSFET is switched on. This
function
prevents
anomalous
or
premature
termination of the switching pulse in the case of
current spikes caused by primary side transformer
capacitance or secondary side rectifier reverse
recovery time when working in continuous mode.
STANDBY MODE
The device implements a special feature to
address the low load condition. The corresponding
function described hereafter consists of reducing
the switching frequency by going into burst mode,
with the following benefits:
– It reduces the switching losses, thus providing
low consumption on the mains lines. The device
is compliant with “Blue Angel” and other similar
standards, requiring less than 0.5 W of input
power when in standby.
– It allows the regulation of the output voltage,
even if the load corresponds to a duty cycle that
the device is not able to generate because of the
internal blanking time, and associated minimum
turn on.
For this purpose, a comparator monitores the
COMP pin voltage, and maintains the PWM latch
and the Power MOSFET in the off state as long as
VCOMP remains below 0.5 V (See Block Diagram
on page 1). If the output load requires a duty cycle
below the one defined by the minimum turn on of
the device, the error amplifier decreases its output
voltage until it reaches this 0.5 V threshold
(VCOMPoff).
The
Power
MOSFET
can
be
completely off for some cycles, and resumes
normal operation as soon as VCOMP is higher than
0.5 V. The output voltage is regulated in burst
mode. The corresponding ripple is not higher than
the nominal one at full load.
In addition, the minimum turn on time which
defines the frontier between normal operation and
burst mode changes according to VCOMP value.
Below 1 V (VCOMPbl), the blanking time increases
to 400 ns, whereas it is 150 ns for higher voltages
(See figure 11). The minimum turn on times
resulting from these values are respectively 600 ns
and 350 ns, when taking into account internal
propagation time. This brutal change induces an
hysteresis between normal operation and burst
mode as shown on figure 16.
When the output power decreases, the system
reaches point 2 where VCOMP equals VCOMPbl.
The minimum turn on time passes immediately
from 350 ns to 600 ns, exceeding the effective turn
on time that should be needed at such output
power level. Therefore the regulation loop will
quickly drive VCOMP to VCOMPoff (Point 3) in order
to pass into burst mode and to control the output
voltage. The corresponding hysteresis can be
seen on the switching frequency which passes
from FSWnom which is the normal switching
frequency set by the components connected to the
OSC pin, to FSWstby. Note that this frequency is
I
Dpeak
V
COMP
V
COMP os
–
H
COM P
----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com