Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER53
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER53 Datasheet HTML 2Page - STMicroelectronics VIPER53 Datasheet HTML 3Page - STMicroelectronics VIPER53 Datasheet HTML 4Page - STMicroelectronics VIPER53 Datasheet HTML 5Page - STMicroelectronics VIPER53 Datasheet HTML 6Page - STMicroelectronics VIPER53 Datasheet HTML 7Page - STMicroelectronics VIPER53 Datasheet HTML 8Page - STMicroelectronics VIPER53 Datasheet HTML 9Page - STMicroelectronics VIPER53 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
VIPer53DIP / VIPer53SP
6/24
ELECTRICAL CHARACTERISTICS (Tj = 25 °C, VDD = 13 V, unless otherwise specified)
PWM COMPARATOR SECTION
OVERLOAD PROTECTION SECTION
Note 7. VCOMPovl is always lower than VCOMPhi.
OVERTEMPERATURE PROTECTION SECTION
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
HCOMP
∆V
COMP / ∆IDPEAK
VCOMP=1 ... 4 V
(See figure 8)
dID/dt=0
1.7
2
2.3
V/A
VCOMPos
VCOMP Offset
dID/dt=0
(See figure 8)
0.5
V
IDlim
Peak Drain Current
Limitation
ICOMP=0mA; VTOVL=0V
(See figure 8)
dID/dt=0
1.7
2
2.3
A
IDmax
Drain Current Capability
VCOMP=VCOMPovl; VTOVL=0V
dID/dt=0
(See figure 8)
1.6
1.9
2.3
A
td
Current Sense Delay to
Turn-Off
ID=1A
250
ns
VCOMPbl
VCOMP Blanking Time
Change Threshold
(See figure 11)
1
V
tb1
Blanking Time
VCOMP < VCOMPBL
(See figure 11)
300
400
500
ns
tb2
Blanking Time
VCOMP > VCOMPBL
(See figure 11)
100
150
200
ns
tONmin1
Minimum On Time
VCOMP < VCOMPBL
450
600
750
ns
tONmin2
Minimum On Time
VCOMP > VCOMPBL
250
350
450
ns
VCOMPoff
VCOMP Shutdown
Threshold
(See figure 6)
0.5
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCOMPovl
VCOMP Overload
Threshold
ITOVL=0mA
(See figure 4 and note 7)
4.35
V
VDIFFovl
VCOMPhi to VCOMPovl
Voltage Difference
VDD=VDDoff ... VDDreg; ITOVL=0mA
(See figure 4 and note 7)
50
150
250
mV
VOVLth
VTOVL Overload
Threshold
(See figure 4)
4
V
tOVL
Overload Delay
COVL=100nF
(See figure 4)
8ms
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
TSD
Thermal Shutdown
Temperature
(See fig. 5)
140
160
°C
THYST
Thermal Shutdown
Hysteresis
(See fig. 5)
40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com