Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPER53
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPER53 Datasheet HTML 13Page - STMicroelectronics VIPER53 Datasheet HTML 14Page - STMicroelectronics VIPER53 Datasheet HTML 15Page - STMicroelectronics VIPER53 Datasheet HTML 16Page - STMicroelectronics VIPER53 Datasheet HTML 17Page - STMicroelectronics VIPER53 Datasheet HTML 18Page - STMicroelectronics VIPER53 Datasheet HTML 19Page - STMicroelectronics VIPER53 Datasheet HTML 20Page - STMicroelectronics VIPER53 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
VIPer53DIP / VIPer53SP
17/24
introducing a zero and ensuring a correct phase
margin. This configuration is illustrated in figure 18
for the schematic and figure 19 for the error
amplifier transfer function for a typical set of values
for CCOMP and RCOMP. Note that a capacitor of
10 nF (minimum value: 8 nF) should always be
connected to the COMP pin to insure a correct
stability of the internal error amplifier.
The
complete
converter
open
loop
transfer
function can be built from both power cell and error
amplifier transfer functions. A theoretical example
can be seen in figure 20 for a discontinuous mode
flyback loaded by a simple resistor, regulated from
primary side (no optocoupler, the internal error
amplifier is fully used for regulation). A typical
schematic corresponding to this situation can be
seen on figure 14.
The
transfer
function
of the
power
cell
is
represented as G(s) in figure 20. It exhibits a pole
which depends on the output load and on the
output capacitor value. As the load of a converter
may change, two curves are shown for two
different values of output resistance value, RL1 and
RL2. A zero at higher frequency values then
appears, due to the output capacitor ESR. Note
that the overall transfer function doesn’t depend on
the input voltage, thanks to the current mode
control.
The error amplifier has a fixed behavior, similar to
the one shown in figure 19. Its bandwidth is limited,
in order to avoid injection of high frequency noise
Figure 19: Typical Transfer Functions
Frequency (Hz)
1
10
100
1k
10k
100k
1M
Gain (dB)
-10
0
10
20
30
40
50
60
Rcomp=4.7k
Ccomp=470nF
Frequency (Hz)
Phase (°)
1
10
100
1k
10k
100k
1M
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Rcomp=4.7k
Ccomp=470nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com