Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER53 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VIPER53
Description  OFF LINE PRIMARY SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VIPER53 Datasheet HTML 15Page - STMicroelectronics VIPER53 Datasheet HTML 16Page - STMicroelectronics VIPER53 Datasheet HTML 17Page - STMicroelectronics VIPER53 Datasheet HTML 18Page - STMicroelectronics VIPER53 Datasheet HTML 19Page - STMicroelectronics VIPER53 Datasheet HTML 20Page - STMicroelectronics VIPER53 Datasheet HTML 21Page - STMicroelectronics VIPER53 Datasheet HTML 22Page - STMicroelectronics VIPER53 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
VIPer53DIP / VIPer53SP
19/24
SPECIAL RECOMMENDATIONS
As stated in the error amplifier section, a capacitor
of 10 nF (minimum value: 8 nF) should always be
connected to the COMP pin to insure a correct
stability of the internal error amplifier. This is
represented on figures 14, 15 and 18.
In order to improve the ruggedness of the device
versus eventual drain overvoltages, a resistance of
1k
Ω should be inserted in series with the TOVL
pin, as shown on figures 14 and 15. Note that this
resistance doesn’t impact the overload delay, as its
value is negligible in front of the internal pull up
resistance (about 125 k
Ω).
SOFTWARE IMPLEMENTATION
All the above considerations and some others are
included in a design software which provides all
the needed components around the VIPer device
for a specified output configuration. This software
is available in download on the ST internet site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com