Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732C Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6732C
Description  Soft-start and inhibit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732C Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6732C Datasheet HTML 4Page - STMicroelectronics L6732C Datasheet HTML 5Page - STMicroelectronics L6732C Datasheet HTML 6Page - STMicroelectronics L6732C Datasheet HTML 7Page - STMicroelectronics L6732C Datasheet HTML 8Page - STMicroelectronics L6732C Datasheet HTML 9Page - STMicroelectronics L6732C Datasheet HTML 10Page - STMicroelectronics L6732C Datasheet HTML 11Page - STMicroelectronics L6732C Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
3 Pin connections and functions
L6732C
8/32
7
EAREF
By setting the voltage at this pin is possible to select the internal/external reference
and the switching frequency:
VEAREF 0-80% of VCCDR -> External Reference/FSW=250KHz
VEAREF = 80%-95% of VCCDR -> VREF = 0.6V/FSW=500KHz
VEAREF = 95%-100% of VCCDR -> VREF = 0.6V/FSW=250KHz
An internal clamp limits the maximum VEAREF at 2.5V (typ.). The device captures the
analog value present at this pin at the start-up when VCC meets the UVLO threshold.
8
OCL
A resistor connected from this pin to ground sets the valley- current-limit. The valley
current is sensed through the low-side MOSFET(s). The internal current generator
sources a current of 100µA (IOCL) from this pin to ground through the external resistor
(ROCL). The over-current threshold is given by the following equation:
Connecting a capacitor from this pin to GND helps in reducing the noise injected from
VCC to the device, but can be a low impedance path for the high-frequency noise
related to the GND. Connect a capacitor only to a "clean" GND.
9
OCH
A resistor connected from this pin and the high-side MOSFET(s) drain sets the peak-
current-limit. The peak current is sensed through the high-side MOSFET(s). The
internal 100µA current generator (IOCH) sinks a current from the drain through the
external resistor (ROCH). The over-current threshold is given by the following
equation:
10
PHASE
This pin is connected to the source of the high-side MOSFET(s) and provides the
return path for the high-side driver. This pin monitors the drop across both the upper
and lower MOSFET(s) for the current limit together with OCH and OCL.
11
HGATE
This pin is connected to the high-side MOSFET(s) gate.
12
BOOT
Through this pin is supplied the high-side driver. Connect a capacitor from this pin to
the PHASE pin and a diode from VCCDR to this pin (cathode versus BOOT).
13
PGND
This pin has to be connected closely to the low-side MOSFET(s) source in order to
reduce the noise injection into the device.
14
LGATE
This pin is connected to the low-side MOSFET(s) gate.
15
VCCDR
5V internally regulated voltage. It is used to supply the internal drivers. Filter it to
ground with at least 1µF ceramic cap.
16
VCC
Supply voltage pin. The operative supply voltage range is from 4.5V to 14V.
Table 3.
Pin functions
IVALLEY
IOCL IOCL
•
2RDSONLS
•
---------------------------------
=
IPEAK
IOCH ROCH
•
RDSONHS
---------------------------------
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com