Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732C Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6732C
Description  Soft-start and inhibit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732C Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6732C Datasheet HTML 23Page - STMicroelectronics L6732C Datasheet HTML 24Page - STMicroelectronics L6732C Datasheet HTML 25Page - STMicroelectronics L6732C Datasheet HTML 26Page - STMicroelectronics L6732C Datasheet HTML 27Page - STMicroelectronics L6732C Datasheet HTML 28Page - STMicroelectronics L6732C Datasheet HTML 29Page - STMicroelectronics L6732C Datasheet HTML 30Page - STMicroelectronics L6732C Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
L6732C
7 L6732C demoboard
27/32
Table 8.
Other capacitor manufacturer
Manufacturer
Series
Capacitor value(µF)
Rated voltage (V)
TDK
C4532X5R1E156M
15
25
C3225X5R0J107M
100
6.3
NIPPON CHEMI-CON
25PS100MJ12
100
25
PANASONIC
ECJ4YB0J107M
100
6.3
Figure 18. Demoboard efficiency
Figure 19. PCB Layout: Top Layer
Figure 20. PCB Layout: Power Ground Layer
F s w = 40 0K H z
75. 0 0 %
80. 0 0 %
85. 0 0 %
90. 0 0 %
95. 0 0 %
13
5
7
9
1 1
1 3
1 5
I out (A )
FSW = 500 KHz
VIN = 5V
VIN = 12V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com