Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732C Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6732C
Description  Soft-start and inhibit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732C Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6732C Datasheet HTML 9Page - STMicroelectronics L6732C Datasheet HTML 10Page - STMicroelectronics L6732C Datasheet HTML 11Page - STMicroelectronics L6732C Datasheet HTML 12Page - STMicroelectronics L6732C Datasheet HTML 13Page - STMicroelectronics L6732C Datasheet HTML 14Page - STMicroelectronics L6732C Datasheet HTML 15Page - STMicroelectronics L6732C Datasheet HTML 16Page - STMicroelectronics L6732C Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
L6732C
5 Device description
13/32
5.5
Error amplifier
5.6
Soft start
When both VCC and VIN are above their turn-ON thresholds (VIN is monitored by the OCH pin)
the start-up phase takes place. Otherwise the SS pin is internally shorted to GND. At start-up, a
ramp is generated charging the external capacitor CSS with an internal current generator. The
initial value for this current is 35µA and charges the capacitor up to 0.5V. After that it becomes
10µA until the final charge value of approximately 4V (see Figure 6.). The reference of the error
amplifier is clamped with this voltage (VSS) until it reaches the programmed value. The Device
can always sink current
Figure 5.
Error Amplifier Reference
Figure 6.
Device start-up: Voltage at the SS pin.
VCC
VIN
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com