Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732C Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6732C
Description  Soft-start and inhibit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732C Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6732C Datasheet HTML 10Page - STMicroelectronics L6732C Datasheet HTML 11Page - STMicroelectronics L6732C Datasheet HTML 12Page - STMicroelectronics L6732C Datasheet HTML 13Page - STMicroelectronics L6732C Datasheet HTML 14Page - STMicroelectronics L6732C Datasheet HTML 15Page - STMicroelectronics L6732C Datasheet HTML 16Page - STMicroelectronics L6732C Datasheet HTML 17Page - STMicroelectronics L6732C Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
5 Device description
L6732C
14/32
If an over current is detected during the soft-start phase, the device provides a constant-
current-protection. In this way, in case of short soft-start time and/or small inductor value and/or
high output capacitors value and so, in case of high ripple current during the soft-start, the
converter can start in any case, limiting the current (see section 4.6 Monitoring and protections)
but not entering in HICCUP mode. During normal operation, if any under-voltage is detected on
one of the two supplies, the SS pin is internally shorted to GND and so the SS capacitor is
rapidly discharged.
5.7
Driver section
The high-side and low-side drivers allow using different types of power MOSFETs (also multiple
MOSFETs to reduce the RDSON), maintaining fast switching transitions. The low-side driver is
supplied by VCCDR while the high-side driver is supplied by the BOOT pin. A predictive dead
time control avoids MOSFETs cross-conduction maintaining very short dead time duration in
the range of 20ns. The control monitors the phase node in order to sense the low-side body
diode recirculation. If the phase node voltage is less than a certain threshold (-350mV typ.)
during the dead time, it will be reduced in the next PWM cycle. The predictive dead time control
doesn't work when the high-side body diode is conducting because the phase node doesn't go
negative. This situation happens when the converter is sinking current for example and, in this
case, an adaptive dead time control operates.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com