Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9777 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9777
Description  High precision output voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9777 Datasheet HTML 3Page - STMicroelectronics L9777 Datasheet HTML 4Page - STMicroelectronics L9777 Datasheet HTML 5Page - STMicroelectronics L9777 Datasheet HTML 6Page - STMicroelectronics L9777 Datasheet HTML 7Page - STMicroelectronics L9777 Datasheet HTML 8Page - STMicroelectronics L9777 Datasheet HTML 9Page - STMicroelectronics L9777 Datasheet HTML 10Page - STMicroelectronics L9777 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DocID13496 Rev 4
7/25
L9777
Block diagrams and pins configuration
24
1.3
Option C features
VDD can sustain short to 40 V regardless of VI battery voltage
Current capability of VDD scaled down to 50 mA with dropout of 1.5V (Max.)
In default condition, VDD and WD functions are disabled using 2 pull down current on
VDD_EN and WD_EN pin
Double reset function removed and pin RESET used to detect undervoltage condition
on VDD regulated voltage (VDD_LOW pin)
Figure 5. Package pin configuration (option C)
Table 2. Pin description
Pin#
I/O
Name
Function
1
O
RESET/VDD_LOW
OPTION A & B: RESET output.
This pin is set low if NMI output goes low for adjustable filter time
OPTION C: VDD_LOW output
This pin is set low when undervoltage on VDD is detected
2
O
NMI
Non maskable Interrupt Output
This pin is set low when low voltage on VCC is detected or
frequency of WD signal is too low.
3I
D
NMI/RESET power up delay.
External cap on this pin sets the time response of the VCC low
voltage detector and the time response of the watchdog monitor.
4
I
VDD_EN
VDD control.
OPTION A: If this pin is low VDD output voltage is not available
(connect this pin to VCC or left floating to switch on VDD output
voltage)
OPTION B & C: If this pin is low or left floating VDD output
voltage is not available (connect this pin to VCC to switch on
VDD regulator)
5I
WD
Watchdog input.
If the frequency at this input pin is too low, the NMI output is
activated low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com