Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9777 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9777
Description  High precision output voltage
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9777 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9777 Datasheet HTML 17Page - STMicroelectronics L9777 Datasheet HTML 18Page - STMicroelectronics L9777 Datasheet HTML 19Page - STMicroelectronics L9777 Datasheet HTML 20Page - STMicroelectronics L9777 Datasheet HTML 21Page - STMicroelectronics L9777 Datasheet HTML 22Page - STMicroelectronics L9777 Datasheet HTML 23Page - STMicroelectronics L9777 Datasheet HTML 24Page - STMicroelectronics L9777 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DocID13496 Rev 4
21/25
L9777
Electrical and thermal characteristics
24
VDD_EN
VDD_EN
VVDDTHL
VDD_EN input low
threshold
--
-
0.30
VCC
V
VDD_EN
VVDDTHH
VDD_EN input high
threshold
-
0.70
VCC
--
V
VDD_EN
VVDDHY
VDD_EN hysteresis
-
200
500
800
mV
VDD_EN
IVDD_EN
Pull up current Option A
-
2.5
5
10
μA
VDD_EN
IVDD_EN
Pull down current
Option B and C
-
5
10
20
μA
VDD (option A)
VDD,VCC
DIFFVR
Output voltage difference
between VDD and VCC
IVDD=1 to 100 mA
-25
-
25
mV
VDD
ILIM2
VDD output limitation
current
-
110
200
400
mA
VI,VDD
VDP2
Dropout voltage
IVDD = 100 mA
-
200
400
mV
VDD
VLINE2
VDD Line regulation
voltage
VI = 5.6 to 31 V
IVDD = 1 to 100 mA
-
-
25
mV
VDD
VLOAD2
VDD Load regulation
voltage
IVDD = 1 to 100 mA
-
-
25
mV
VDD (option B)
VDD,VCC
DIFFVR
Output voltage difference
between VDD and VCC
IVDD = 1 to 50mA VI = 6.6 to 31V -25
-
25
mV
VDD
ILIM2
VDD output limitation
current
VI = 6.6 to 31V
55
100
240
mA
VI,VDD
VDP2
Dropout voltage
IVDD = 50mA; VI = 6.6 to 31V
-
-
1.5
V
VDD
VLINE2
VDD Line regulation
voltage
IVDD = 1 to 50mA VI = 6.6 to 31V
-
-
25
mV
VDD
VLOAD2
VDD Load regulation
voltage
IVDD = 1 to 50mA VI = 6.6 to 31V
-
-
25
mV
Table 4. Electrical and thermal characteristics (continued)
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com