Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39015M12R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LD39015M12R
Description  Very low noise without bypass capacitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39015M12R Datasheet(HTML) 1 Page - STMicroelectronics

  LD39015M12R Datasheet HTML 1Page - STMicroelectronics LD39015M12R Datasheet HTML 2Page - STMicroelectronics LD39015M12R Datasheet HTML 3Page - STMicroelectronics LD39015M12R Datasheet HTML 4Page - STMicroelectronics LD39015M12R Datasheet HTML 5Page - STMicroelectronics LD39015M12R Datasheet HTML 6Page - STMicroelectronics LD39015M12R Datasheet HTML 7Page - STMicroelectronics LD39015M12R Datasheet HTML 8Page - STMicroelectronics LD39015M12R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
This is information on a product in full production.
February 2014
DocID14003 Rev 4
1/16
LD39015
150 mA low quiescent current and low noise voltage regulator
Datasheet
- production data
Features
• Input voltage from 1.5 to 5.5 V
• Ultra low-dropout voltage (80 mV typ. at 100
mA load)
• Very low quiescent current (18 µA typ. at no
load, 38 µA typ. at 150 mA load, 1 µA max. in
OFF mode)
• Very low noise without bypass capacitor
(29 µVRMS at VOUT = 0.8 V)
• Output voltage tolerance: ± 2.0% @ 25 °C
• 150 mA guaranteed output current
• Wide range of output voltages available on
request: 0.8 V to 3.3 V with 100 mV step
• Logic-controlled electronic shutdown
• Compatible with ceramic capacitors CO = 1 µF
• Internal current and thermal limit
• Available in SOT666 and SOT23-5L packages
• Temperature range: -40 °C to 125 °C
Description
The LD39015 series provides 150 mA maximum
current with an input voltage range from 1.5 V to
5.5 V and a typical dropout voltage of 80 mV. It is
stable with ceramic capacitors. The ultra low drop
voltage, low quiescent current and low noise
features make it suitable for low power battery-
powered applications. Power supply rejection is
65 dB at low frequencies and starts rolling off at
10 kHz. Enable logic control function puts the
LD39015 in shutdown mode allowing a total
current consumption lower than 1 µA. The device
also includes short-circuit constant current limiting
and thermal protection. Typical applications are
mobile phones, personal digital assistants
(PDAs), cordless phones or similar battery-
powered systems.
SOT666
SOT23-5L
Table 1. Device summary
Order codes
Output voltages
SOT666
SOT23-5L
LD39015XG08R
LD39015M08R
0.8 V
LD39015XG10R
LD39015M10R
1.0 V
LD39015XG12R(1)
LD39015M12R
1.2 V
LD39015M125R
1.25 V
LD39015XG15R
LD39015M15R
1.5 V
LD39015XG18R(1)
LD39015M18R
1.8 V
LD39015XG25R(1)
LD39015M25R
2.5 V
LD39015XG33R(1)
LD39015M33R
3.3 V
1.
Available on request. Other voltages available on request from 0.8 V to 3.3 V in 100 mV step.
www.st.com


Similar Part No. - LD39015M12R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39015M12R STMICROELECTRONICS-LD39015M12R Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
11-Apr-2008
LD39015M12R STMICROELECTRONICS-LD39015M12R Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
12-Feb-2009
More results

Similar Description - LD39015M12R

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9013 RICHTEK-RT9013 Datasheet
300Kb / 12P
500mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Eutech Microelectronics...
EUP7913 EUTECH-EUP7913 Datasheet
429Kb / 11P
300mA Low-Noise LDO Without Bypass Capacitor
EUP7914 EUTECH-EUP7914 Datasheet
389Kb / 9P
150mA Low-Noise LDO in SC-82 Without A Bypass Capacitor
EUP7221 EUTECH-EUP7221 Datasheet
99Kb / 1P
Triple, Low-Noise, High-PSRR, 150mA LDO Without Bypass Capacitor
EUP7230 EUTECH-EUP7230 Datasheet
72Kb / 1P
Dual, Low-Noise, High-PSRR, 300mA LDO without Bypass Capacitor
logo
Richtek Technology Corp...
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
RT9013B RICHTEK-RT9013B Datasheet
193Kb / 10P
300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Mini-Circuits
TSS-53LNB MINI-TSS-53LNB Datasheet
336Kb / 5P
Low Noise Bypass Amplifier
logo
TriQuint Semiconductor
QPL9097 TRIQUINT-QPL9097 Datasheet
704Kb / 9P
Ultra Low-Noise, Bypass LNA
logo
Mini-Circuits
TSS-53LNB3 MINI-TSS-53LNB3 Datasheet
348Kb / 5P
Low Noise Bypass Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com