Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2041 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST2041
Description  CMOS- and TTL-compatible enable inputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2041 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST2041 Datasheet HTML 2Page - STMicroelectronics ST2041 Datasheet HTML 3Page - STMicroelectronics ST2041 Datasheet HTML 4Page - STMicroelectronics ST2041 Datasheet HTML 5Page - STMicroelectronics ST2041 Datasheet HTML 6Page - STMicroelectronics ST2041 Datasheet HTML 7Page - STMicroelectronics ST2041 Datasheet HTML 8Page - STMicroelectronics ST2041 Datasheet HTML 9Page - STMicroelectronics ST2041 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Maximum rating
ST2041
6/13
Doc ID 12592 Rev 3
4
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only, and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics™ SURE
program and other relevant quality documents.
Recommended operating conditions
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
Input voltage range
-0.3-6.0
V
VO
Output voltage range
-0.3-(Vi+0.3)
V
VIENX
EN input voltage range
-0.3-6.0
V
IO
Continuous output current
Internally limited
ESD
ESD protection level
2
kV
TJ
Junction operating temperature
-40 to 125
°C
TSTG
Storage temperature
-55 to 150
°C
Table 4.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VI
Input voltage
2.7
5.0
5.5
V
VO
Output voltage
0
5.0
5.5
V
IO
Continuous output current
0
-
500
mA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com