Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2041 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST2041
Description  CMOS- and TTL-compatible enable inputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2041 Datasheet(HTML) 3 Page - STMicroelectronics

  ST2041 Datasheet HTML 1Page - STMicroelectronics ST2041 Datasheet HTML 2Page - STMicroelectronics ST2041 Datasheet HTML 3Page - STMicroelectronics ST2041 Datasheet HTML 4Page - STMicroelectronics ST2041 Datasheet HTML 5Page - STMicroelectronics ST2041 Datasheet HTML 6Page - STMicroelectronics ST2041 Datasheet HTML 7Page - STMicroelectronics ST2041 Datasheet HTML 8Page - STMicroelectronics ST2041 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ST2041
Description
Doc ID 12592 Rev 3
3/13
1
Description
The ST2041 power distribution switch is intended for applications where heavy capacitive
loads and short-circuits are likely to be encountered. These devices incorporate 90 m
Ω
N-channel MOSFET high-side power switches for power-distribution. The switch is
controlled by a logic enable input. Gate drive is provided by an internal charge pump
designed to control the power-switch rise times and fall times to minimize current surges
during switching. The charge pump requires no external components and allows operation
from supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the device
limits the output current to a safe level by switching into a constant-current mode, pulling the
overcurrent logic output low. When continuous heavy overloads and short-circuits increase
the power dissipation in the switch, causing the junction temperature to rise, a thermal
protection circuit shuts off the switch to prevent damage. Recovery from a thermal shutdown
is automatic once the device has cooled sufficiently. Internal circuitry ensures the switch
remains off until valid input voltage is present.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com