Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2041 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST2041
Description  CMOS- and TTL-compatible enable inputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2041 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST2041 Datasheet HTML 3Page - STMicroelectronics ST2041 Datasheet HTML 4Page - STMicroelectronics ST2041 Datasheet HTML 5Page - STMicroelectronics ST2041 Datasheet HTML 6Page - STMicroelectronics ST2041 Datasheet HTML 7Page - STMicroelectronics ST2041 Datasheet HTML 8Page - STMicroelectronics ST2041 Datasheet HTML 9Page - STMicroelectronics ST2041 Datasheet HTML 10Page - STMicroelectronics ST2041 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ST2041
Electrical characteristics
Doc ID 12592 Rev 3
7/13
5
Electrical characteristics
Table 5.
Electrical characteristics (TJ = 25 °C, VI = 5.0 V)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
RDS(on)
Static drain-source
on-state resistance
VI = 3.3 V
-40 < TJ < 125 °C
100
145
m
Ω
VI = 5.0 V
-40 < TJ < 125 °C
90
135
VI = 3.3 V
TJ = 25 °C
90
130
VI = 5.0 V
TJ = 25°C
80
110
tr
Output rise time(1)
1.
Not tested in production, specified by design.
VI = 5.5 V
RL = 10 Ω
CL = 1 μF
2.5
ms
VI = 2.7 V
RL = 10 Ω
CL = 1 μF
3ms
tf
Output fall time(1)
VI = 5.5 V
RL = 10 Ω
CL = 1 μF
0.3
ms
VI = 2.7 V
RL = 10 Ω
CL = 1 μF
0.2
ms
TON
Turn-on time(1)
RL = 10
Ω
CL = 100
μF
20
ms
TOFF
Turn-off time(1)
RL = 10
Ω
CL = 100
μF
40
ms
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com