Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2041 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST2041
Description  CMOS- and TTL-compatible enable inputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2041 Datasheet(HTML) 5 Page - STMicroelectronics

  ST2041 Datasheet HTML 1Page - STMicroelectronics ST2041 Datasheet HTML 2Page - STMicroelectronics ST2041 Datasheet HTML 3Page - STMicroelectronics ST2041 Datasheet HTML 4Page - STMicroelectronics ST2041 Datasheet HTML 5Page - STMicroelectronics ST2041 Datasheet HTML 6Page - STMicroelectronics ST2041 Datasheet HTML 7Page - STMicroelectronics ST2041 Datasheet HTML 8Page - STMicroelectronics ST2041 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ST2041
Functional descriptions
Doc ID 12592 Rev 3
5/13
3
Functional descriptions
3.1
Fault-blanking
ST devices feature a 10 ms fault-blanking. Fault-blanking allows current-limit faults, including
momentary short-circuit faults that occur when hot-swapping a capacitive load, and also
ensures that no fault is issued during power-up. When a load transient causes the device to
enter current limit, an internal counter starts. If the load fault persists beyond the 10 ms fault-
blanking timeout, the FAULT output asserts low. Load-transient faults less than 10 ms
(typical) will not cause a FAULT output assertion. Only current-limit faults are blanked. Die
overtemperature faults and input voltage drops below the undervoltage lock out (UVLO)
threshold will cause an immediate fault output.
3.2
Overcurrent/overtemperature protection
In overcurrent or short-circuit condition, the switch limits the current at 500 mA.
If temperature of die goes above limit value, the switch turns OFF.
3.3
Undervoltage lock out (UVLO)
When input voltage drops below critical value, the power switch turns OFF to prevent
improper operation due to low voltage.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com