Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF05D Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEF05D
Description  Electronic fuse for 5 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STEF05D Datasheet HTML 2Page - STMicroelectronics STEF05D Datasheet HTML 3Page - STMicroelectronics STEF05D Datasheet HTML 4Page - STMicroelectronics STEF05D Datasheet HTML 5Page - STMicroelectronics STEF05D Datasheet HTML 6Page - STMicroelectronics STEF05D Datasheet HTML 7Page - STMicroelectronics STEF05D Datasheet HTML 8Page - STMicroelectronics STEF05D Datasheet HTML 9Page - STMicroelectronics STEF05D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
STEF05D
6/19
DocID024394 Rev 1
4
Electrical characteristics
VCC = 5 V, VEN = 3.3 V, CI = 10 µF, CO = 47 µF, TJ = 25 °C, unless otherwise specified
Table 6. Electrical characteristics for STEF05D
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Under/Overvoltage Protection
VClamp
Output clamping voltage
VCC = 10 V
5.95
6.65
7.7
V
VUVLO
Undervoltage lockout
Turn-on, voltage going up
3.2
3.6
4.3
V
VHyst
UVLO Hysteresis
0.40
V
Power MOSFET
tdly
Delay time
Enabling of chip to ID = 100 mA
with a 1 A resistive load
200
µs
RDSon
ON resistance(1)
TJ = 25 °C
40
60
m
TJ = 125 °C
(2)
70
VOFF
Off state output voltage
VCC = 10 V, VGS = 0,
RLimit = infinite
50
200
mV
ID
Continuous current
0.5 inch² pad (2), TA = 25 °C
3.6
A
Minimum copper, TA = 80 °C
1.7
Current Limit
IShort
Short-circuit current limit
RLimit = 11 
3.1
4.1
5.1
A
ILim
Overload current limit
RLimit = 11 
4A
dv/dt Circuit
dv/dt
Output voltage ramp time
Enable to VOUT=4.7V, No Cdv/dt
0.8
ms
Enable/Fault
VIL
Low level input voltage(2)
Output Disabled
0.35
0.58
0.81
V
VI(INT)
Intermediate level input
voltage(2)
Thermal Fault, Output Disabled
0.82
1.4
1.95
V
VIH
High level input voltage
Output Enabled
1.96
2.64
3.3
V
VI(MAX)
High state maximum voltage
3.4
4.3
5.4
V
IIL
Low level input current (sink)
VEnable = 0 V
-10
-30
µA
II
High level leakage current for
external switch
VEnable = 3.3 V
1
µA
Maximum fan-out for fault signal
Total numbers of chips that can
be connected to this pin for
simultaneous shutdown
3Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com