Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF05D Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEF05D
Description  Electronic fuse for 5 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05D Datasheet(HTML) 5 Page - STMicroelectronics

  STEF05D Datasheet HTML 1Page - STMicroelectronics STEF05D Datasheet HTML 2Page - STMicroelectronics STEF05D Datasheet HTML 3Page - STMicroelectronics STEF05D Datasheet HTML 4Page - STMicroelectronics STEF05D Datasheet HTML 5Page - STMicroelectronics STEF05D Datasheet HTML 6Page - STMicroelectronics STEF05D Datasheet HTML 7Page - STMicroelectronics STEF05D Datasheet HTML 8Page - STMicroelectronics STEF05D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID024394 Rev 1
5/19
STEF05D
Maximum ratings
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Positive power supply voltage (steady state)
-0.3 to 10
V
Positive power supply voltage (max 100 ms)
-0.3 to 15
VOUT/source (max 100 ms)
-0.3 to Vcc+0.3
V
I-Limit
(max 100 ms)
-0.3 to 15
V
En/Fault
-0.3 to 7
V
dv/dt
-0.3 to 7
V
TOP
Operating junction temperature range(1)
1.
The thermal limit is set above the maximum thermal rating. It is not recommended to operate the device at
temperatures greater than the maximum ratings for extended periods of time.
-40 to 125
°C
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
Lead temperature (Soldering) 10 sec
260
°C
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
52.7
°C/W
RthJC
Thermal resistance junction-case
17.4
°C/W
Table 5. ESD performances
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD Protection
HBM
2
KV
MM
150
V
CDM
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com