Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF05D Datasheet(PDF) 12 Page - STMicroelectronics

Part # STEF05D
Description  Electronic fuse for 5 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STEF05D Datasheet HTML 8Page - STMicroelectronics STEF05D Datasheet HTML 9Page - STMicroelectronics STEF05D Datasheet HTML 10Page - STMicroelectronics STEF05D Datasheet HTML 11Page - STMicroelectronics STEF05D Datasheet HTML 12Page - STMicroelectronics STEF05D Datasheet HTML 13Page - STMicroelectronics STEF05D Datasheet HTML 14Page - STMicroelectronics STEF05D Datasheet HTML 15Page - STMicroelectronics STEF05D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Typical performance characteristics
STEF05D
12/19
DocID024394 Rev 1
6
Typical performance characteristics
The following plots are referred to the typical application circuit and, unless otherwise noted,
at TA = 25°C.
Figure 7. VOUT ramp-up vs. EN/fault
Figure 8. Startup vs. VCC
Figure 9. Startup @ short-circuit
Figure 10. Startup @ heavy load
Figure 11. Startup vs. EN/fault
Figure 12. Clamp voltage
VCC
VOUT
EN/FLT
VCC
VOUT
EN/FLT
VOUT
VCC
EN/FLT
Iin
VOUT
Iin
EN/FLT
VCC
EN/FLT
VCC
VOUT
VCC
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com