Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF05D Datasheet(PDF) 9 Page - STMicroelectronics

Part # STEF05D
Description  Electronic fuse for 5 V line
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STEF05D Datasheet HTML 5Page - STMicroelectronics STEF05D Datasheet HTML 6Page - STMicroelectronics STEF05D Datasheet HTML 7Page - STMicroelectronics STEF05D Datasheet HTML 8Page - STMicroelectronics STEF05D Datasheet HTML 9Page - STMicroelectronics STEF05D Datasheet HTML 10Page - STMicroelectronics STEF05D Datasheet HTML 11Page - STMicroelectronics STEF05D Datasheet HTML 12Page - STMicroelectronics STEF05D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DocID024394 Rev 1
9/19
STEF05D
Typical application
5.1.2
Normal operating condition
The STEF05D E-fuse behaves like a mechanical fuse, buffering the circuitry on its output
with the same voltage shown at its input, with a small voltage fall due to the N-channel
MOSFET RDSOn.
5.1.3
Output voltage clamp
This internal protection circuit clamps the output voltage to a maximum safe value, typically
6.65V, if the input voltage exceeds this threshold.
5.1.4
Current limiting
When an overload event occurs, the current limiting circuit reduces the conductivity of the
power MOSFET, in order to clamp the output current at the value selected externally by
means of the limiting resistor RLimit (Figure 3).
5.1.5
Thermal shutdown
If the device temperature exceeds the thermal latch threshold, typically 165°C, the thermal
shutdown circuitry turns the power MOSFET off, thus disconnecting the load. The EN/Fault
pin of the device will automatically be set at an intermediate voltage, in order to signal the
overtemperature event.
From this condition the E-fuse can be reset either by cycling the supply voltage or by pulling
down the EN pin below the Vil threshold, and then releasing it.
5.2
RLimit calculation
As shown in Figure 3, the device uses an internal N-channel sense FET with a fixed ratio, to
monitor the output current and limit it at the level set by the user.
The RLimit value for achieving the requested current limitation can be estimated by using the
following theoretical formula, together with the graph in Figure 13:
Equation 1
5.3
Cdv/dt calculation
Connecting a capacitor between the Cdv/dt pin and GND will allow the modification of the
output voltage ramp time.
Given the desired time interval
t during which the output voltage goes from zero to his
maximum value, the capacitance to be added on Cdv/dt pin can be calculated using the
following theoretical formula:
RLimit
42
Ishort
----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com