Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3021H Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS3021H
Description  Automotive rail-to-rail 1.8 V high-speed comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021H Datasheet(HTML) 1 Page - STMicroelectronics

  TS3021H Datasheet HTML 1Page - STMicroelectronics TS3021H Datasheet HTML 2Page - STMicroelectronics TS3021H Datasheet HTML 3Page - STMicroelectronics TS3021H Datasheet HTML 4Page - STMicroelectronics TS3021H Datasheet HTML 5Page - STMicroelectronics TS3021H Datasheet HTML 6Page - STMicroelectronics TS3021H Datasheet HTML 7Page - STMicroelectronics TS3021H Datasheet HTML 8Page - STMicroelectronics TS3021H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
August 2016
DocID028425 Rev 2
1/19
This is information on a product in full production.
www.st.com
TS3021H
Automotive rail-to-rail 1.8 V high-speed comparator
Datasheet - production data
Features
AEC-Q100 and Q003 qualified
Extended temperature range:
-40 °C to 150 °C
Propagation delay: 38 ns
Low current consumption: 73 µA
Rail-to-rail inputs
Push-pull outputs
Supply operation from 1.8 to 5 V
High ESD tolerance: 5 kV HBM, 300 V MM
Latch-up immunity: 200 mA
SMD package
Related products
TS3021 for standard temperature range
(-40 °C to 125 °C)
Applications
Automotive
Telecom
Instrumentation
Signal conditioning
High-speed sampling systems
Portable communication systems
Description
The TS3021H single comparator features high-
speed response time with rail-to-rail inputs. With
a supply voltage specified from 2 to 5 V, this
comparator can operate over a wide temperature
range: -40 °C to 150 °C.
The TS3021H comparator offers micropower
consumption as low as a few tens of
microamperes thus providing an excellent ratio of
power consumption current versus response
time.
The TS3021H includes push-pull outputs and is
available in the small SOT23-5 package.
SOT23-5
OUT
VCC-
IN+
VCC+
IN-
1
2
3
4
5
+
-


Similar Part No. - TS3021H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
27Kb / 1P
Rail-to-Rail 1.8V High-Speed Micropower Comparators
Jan-2005
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
17-Oct-2007
TS3021 STMICROELECTRONICS-TS3021 Datasheet
610Kb / 16P
Rail-to-rail 1.8 V high-speed comparator
17-Oct-2022
TS3021 STMICROELECTRONICS-TS3021 Datasheet
993Kb / 17P
Rail-to-rail 1.8 V high-speed comparator
25-Aug-2025
More results

Similar Description - TS3021H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
22-Feb-2007
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
17-Oct-2007
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
Rail-to-rail high-speed comparator
03-Oct-2011
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
LMV7275-Q1 TI-LMV7275-Q1_15 Datasheet
1Mb / 31P
LMV7275-Q1 Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
LMV7275-Q1 TI1-LMV7275-Q1 Datasheet
1Mb / 31P
Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
Rail-to-rail 1.8 V high-speed comparator
17-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com