Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3021H Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS3021H
Description  Automotive rail-to-rail 1.8 V high-speed comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021H Datasheet(HTML) 3 Page - STMicroelectronics

  TS3021H Datasheet HTML 1Page - STMicroelectronics TS3021H Datasheet HTML 2Page - STMicroelectronics TS3021H Datasheet HTML 3Page - STMicroelectronics TS3021H Datasheet HTML 4Page - STMicroelectronics TS3021H Datasheet HTML 5Page - STMicroelectronics TS3021H Datasheet HTML 6Page - STMicroelectronics TS3021H Datasheet HTML 7Page - STMicroelectronics TS3021H Datasheet HTML 8Page - STMicroelectronics TS3021H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TS3021H
Absolute maximum ratings and operating
conditions
DocID028425 Rev 2
3/19
1
Absolute maximum ratings and operating conditions
Table 1: Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage, VCC = (VCC+) - (VCC-) (1)
5.5
V
VID
Differential input voltage (2)
±5
VIN
Input voltage range
(VCC-) - 0.3 to (VCC+) + 0.3
IIN
Input current (3)
10
mA
Rthja
Thermal resistance junction-to-ambient (4)
250
°C/W
Rthjc
Thermal resistance junction-to-case (4)
81
Tstg
Storage temperature
-65 to 160
°C
Tj
Junction temperature
160
TLEAD
Lead temperature (soldering 10 s)
260
ESD
HBM: human body model (5)
5000
V
CDM: charged device model (6)
1500
Latch-up immunity
200
mA
Notes:
(1)All voltage values, except the differential voltage, are referenced to (VCC-)
(2)The magnitude of the input and output voltages must never exceed the supply rail ±0.3 V
(3)The input current must be limited by a resistor in series with the inputs.
(4)Short circuits can cause excessive heating. These values are typical
(5)Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 kΩ
resistor between two pins of the device. This is done for all couples of connected pin combinations while the other
pins are floating.
(6)Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
Table 2: Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
0 °C < Tamb < 150 °C
1.8 to 5
V
-40 °C < Tamb < 150 °C
2 to 5
Vicm
Common-mode input
voltage range
-40 °C < Tamb < 85 °C
(VCC- ) - 0.2 to (VCC+) + 0.2
85 °C < Tamb < 150 °C
(VCC- ) to (VCC+)
Toper
Operating temperature range
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com