Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3021H Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS3021H
Description  Automotive rail-to-rail 1.8 V high-speed comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021H Datasheet(HTML) 4 Page - STMicroelectronics

  TS3021H Datasheet HTML 1Page - STMicroelectronics TS3021H Datasheet HTML 2Page - STMicroelectronics TS3021H Datasheet HTML 3Page - STMicroelectronics TS3021H Datasheet HTML 4Page - STMicroelectronics TS3021H Datasheet HTML 5Page - STMicroelectronics TS3021H Datasheet HTML 6Page - STMicroelectronics TS3021H Datasheet HTML 7Page - STMicroelectronics TS3021H Datasheet HTML 8Page - STMicroelectronics TS3021H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
TS3021H
4/19
DocID028425 Rev 2
2
Electrical characteristics
Table 3: Electrical characteristics at VCC = 2 V, Tamb = 25 ° C, and full Vicm range
(unless otherwise specified)
Symbol
Parameter
Test conditions (1)
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
Tamb
0.5
6
mV
-40 °C < Tamb < 150 °C
0.5
7
ΔVio/ΔT
Input offset voltage drift
-40 °C < Tamb < 150 °C
3
20
µV/°C
IIO
Input offset current (2)
Tamb
1
20
nA
-40 °C < Tamb < 150 °C
100
IIB
Input bias current (2)
Tamb
86
160
-40 °C < Tamb < 150 °C
300
ICC
Supply current
No load, output high, Vicm = 0 V
73
90
µA
No load, output high, Vicm = 0 V,
-40 °C < Tamb < 150 °C
115
No load, output low, Vicm = 0 V
84
105
No load, output low, Vicm = 0 V,
-40 °C < Tamb < 150 °C
125
ISC
Short-circuit current
Source
9
mA
Sink
10
VOH
Output voltage high
Isource = 1 mA
1.88
1.92
V
-40 °C < Tamb < 150 °C
1.79
VOL
Output voltage low
Isink = 1 mA
60
100
mV
-40 °C < Tamb < 150 °C
170
CMRR
Common-mode rejection
ratio
0 < Vicm < 2 V
67
dB
SVR
Supply voltage rejection
∆Vcc = 2 to 5 V, Vicm = 0 V
58
73
TPLH
Propagation delay, low to
high output level (3)
Vicm = 0 V, f = 10 kHz,
CL = 50 pF, overdrive = 100 mV
38
60
ns
Vicm = 0 V, f = 10 kHz,
CL = 50 pF, overdrive = 100 mV,
-40 °C < Tamb < 150 °C
120
Vicm = 0 V, f = 10 kHz,
CL = 50 pF, overdrive = 20 mV
48
75
Vicm = 0 V, f = 10 kHz,
CL = 50 pF, overdrive = 20 mV,
-40 °C < Tamb < 150 °C
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com