Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3021H Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS3021H
Description  Automotive rail-to-rail 1.8 V high-speed comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021H Datasheet(HTML) 5 Page - STMicroelectronics

  TS3021H Datasheet HTML 1Page - STMicroelectronics TS3021H Datasheet HTML 2Page - STMicroelectronics TS3021H Datasheet HTML 3Page - STMicroelectronics TS3021H Datasheet HTML 4Page - STMicroelectronics TS3021H Datasheet HTML 5Page - STMicroelectronics TS3021H Datasheet HTML 6Page - STMicroelectronics TS3021H Datasheet HTML 7Page - STMicroelectronics TS3021H Datasheet HTML 8Page - STMicroelectronics TS3021H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TS3021H
Electrical characteristics
DocID028425 Rev 2
5/19
Symbol
Parameter
Test conditions (1)
Min.
Typ.
Max.
Unit
TPHL
Propagation delay, high to
low output level (4)
Vicm = 0 V, f = 10 kHz,
CL = 50 pF, overdrive = 100 mV
40
60
ns
Vicm = 0 V, f = 10 kHz,
CL = 50 pF, overdrive = 100 mV,
-40 °C < Tamb < 150 °C
120
Vicm = 0 V, f = 10 kHz,
CL = 50 pF, overdrive = 20 mV
49
75
Vicm = 0 V, f = 10 kHz,
CL = 50 pF, overdrive = 20 mV,
-40 °C < Tamb < 150 °C
140
TF
Fall time
f = 10 kHz, CL = 50 pF,
RL = 10 kΩ, overdrive = 100 mV
8
TR
Rise time
f = 10 kHz, CL = 50 pF,
RL = 10 kΩ, overdrive = 100 mV
9
Notes:
(1)All values over the temperature range are guaranteed through correlation and simulation. No production test is performed at the
temperature range limits.
(2)Maximum values include unavoidable inaccuracies of the industrial tests.
(3)Response time is measured 10%/90% of the final output value with the following conditions: inverting input voltage (IN-) = Vicm
and non-inverting input voltage (IN+) moving from Vicm - 100 mV to Vicm + overdrive.
(4)Response time is measured 10%/90% of the final output value with the following conditions: Inverting input voltage (IN-) = Vicm
and non-inverting input voltage (IN+) moving from Vicm + 100 mV to Vicm - overdrive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com