Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4061 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4061
Description  Precision micropower shunt voltage reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4061 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS4061 Datasheet HTML 2Page - STMicroelectronics TS4061 Datasheet HTML 3Page - STMicroelectronics TS4061 Datasheet HTML 4Page - STMicroelectronics TS4061 Datasheet HTML 5Page - STMicroelectronics TS4061 Datasheet HTML 6Page - STMicroelectronics TS4061 Datasheet HTML 7Page - STMicroelectronics TS4061 Datasheet HTML 8Page - STMicroelectronics TS4061 Datasheet HTML 9Page - STMicroelectronics TS4061 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical performance characteristics
TS4061
6/14
DocID026252 Rev 1
4
Typical performance characteristics
(The following plots are referred to the typical application circuit and, unless otherwise
noted, at TA = 25 °C)
Figure 2. VK change vs temperature
(1.225 V version)
Figure 3. VK change vs temperature
(1.25 V version)
Figure 4. IKmin minimum current for regulation
Figure 5. IKmin minimum current for regulation
vs temperature
Figure 6. Output impedance vs frequency
Figure 7. Forward characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com