Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4061 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4061
Description  Precision micropower shunt voltage reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4061 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4061 Datasheet HTML 1Page - STMicroelectronics TS4061 Datasheet HTML 2Page - STMicroelectronics TS4061 Datasheet HTML 3Page - STMicroelectronics TS4061 Datasheet HTML 4Page - STMicroelectronics TS4061 Datasheet HTML 5Page - STMicroelectronics TS4061 Datasheet HTML 6Page - STMicroelectronics TS4061 Datasheet HTML 7Page - STMicroelectronics TS4061 Datasheet HTML 8Page - STMicroelectronics TS4061 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
July 2014
DocID026252 Rev 1
1/14
TS4061
Precision micropower shunt voltage reference
Datasheet
- production data
Features
• Fixed 1.225 V,1.25 V output voltages
• Ultra low operating current: 10 µA at 25 °C
• High precision @ 25 °C: +/-0.1% (TS4061A),
+/- 0.2% (TS4061B)
• Very low LF noise: typ.10 µ Vp-p
• Stable when used with capacitive loads
• Industrial (-40 to +85 °C) temperature range
• 35 ppm/°C max. temperature coefficient
• Available in SOT23-3L and SOT323-3L
packages
Applications
• Portable, battery-operated equipment
• Data acquisition systems
• Instrumentation
Description
The TS4061 is a low power and high accuracy
shunt voltage reference providing a stable output
voltage over the industrial temperature range (-40
to +85 °C), with a maximum temperature
coefficient of 35 ppm/°C. It is available in 0.1%
and 0.2% initial accuracy versions. The SOT323-
3L and SOT23-3L packages can be designed in
applications where space saving is a critical
issue. The very low operating current is a key
advantage for power restricted designs. The
TS4061 is very stable and can be used in a broad
range of application conditions.
www.st.com


Similar Part No. - TS4061

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
TS40 SAMESKY-TS40 Datasheet
289Kb / 4P
TACTILE SWITCH
11/20/2025
logo
Bothhand USA, LP.
TS4001 BOTHHAND-TS4001 Datasheet
194Kb / 1P
ISOLATION TRANSFORMER FOR 10 BASE-T
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS4040 STMICROELECTRONICS-TS4040 Datasheet
140Kb / 9P
2.5V micropower shunt voltage reference
20-Aug-2007
TS4040DILT-2.5 STMICROELECTRONICS-TS4040DILT-2.5 Datasheet
228Kb / 10P
2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
More results

Similar Description - TS4061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
logo
Linear Technology
LT1634 LINER-LT1634_15 Datasheet
1Mb / 14P
Micropower Precision Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com