Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4061 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4061
Description  Precision micropower shunt voltage reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4061 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4061 Datasheet HTML 1Page - STMicroelectronics TS4061 Datasheet HTML 2Page - STMicroelectronics TS4061 Datasheet HTML 3Page - STMicroelectronics TS4061 Datasheet HTML 4Page - STMicroelectronics TS4061 Datasheet HTML 5Page - STMicroelectronics TS4061 Datasheet HTML 6Page - STMicroelectronics TS4061 Datasheet HTML 7Page - STMicroelectronics TS4061 Datasheet HTML 8Page - STMicroelectronics TS4061 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID026252 Rev 1
5/14
TS4061
Electrical characteristics
14
3
Electrical characteristics
Limits are 100% production tested at 25 °C. Limits over full temperature range are
guaranteed through correlation and by design. Ik = 10 µA, Tamb = 25 °C (unless otherwise
specified).
Table 4. Electrical characteristics for TS4061
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vk
Reverse breakdown
voltage (Vk = 1.225 V)
Ik = 10 μA,
TS4061A
1.2237
1.225
1.2262
V
Ik = 10 μA,
TS4061B
1.2225
1.2275
Reverse breakdown
voltage (Vk = 1.25 V)
Ik = 10 μA,
TS4061A
1.2487
1.25
1.2512
V
Ik = 10 μA,
TS4061B
1.2475
1.2525
Ikmin
Minimum operating
current
Tamb = 25 °C
7.5
10
μA
-40 °C < Tamb < +85 °C
12
ΔVk/ΔT
Average temperature
coefficient
10
μA < Ik < 15 mA
20
35
ppm/°
C
ΔVk/ΔIk
Reverse breakdown
voltage change with
operating current
range
Ikmin < Ik < 1 mA
-40 °C < Tamb < +85 °C
0.2
1
mV
1mA < Ik < 15 mA
-40 °C < Tamb < +85 °C
1.7
4
Rka
Static impedance
ΔIk = 10 μA to 10 mA
0.15
0.3
Ω
Hys
Thermal hysteresis(1)
Ik = 10 μA
120
ppm
Noise
Wideband noise
Ik = 10 μA 10 Hz < f< 10 kHz
95
μVRMS
Low frequency noise
Ik = 10 μA 0.1 Hz < f< 10 Hz
10
µVp-p
1.
Thermal hysteresis is defined as the difference in voltage measured at +25 °C after cycling to -40 °C and the measurement
at +25 °C after cycling to temperature +85 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com