Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4061 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4061
Description  Precision micropower shunt voltage reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4061 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4061 Datasheet HTML 1Page - STMicroelectronics TS4061 Datasheet HTML 2Page - STMicroelectronics TS4061 Datasheet HTML 3Page - STMicroelectronics TS4061 Datasheet HTML 4Page - STMicroelectronics TS4061 Datasheet HTML 5Page - STMicroelectronics TS4061 Datasheet HTML 6Page - STMicroelectronics TS4061 Datasheet HTML 7Page - STMicroelectronics TS4061 Datasheet HTML 8Page - STMicroelectronics TS4061 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Maximum ratings
TS4061
4/14
DocID026252 Rev 1
2
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Ik
Reverse breakdown current
20
mA
If
Forward current
15
mA
Pd
Power dissipation(1)
1.
Pd has been calculated with Tamb = 25 °C and Tjmax = 150 °C
500
mW
Tstd
Storage temperature
-65 to +150
°C
ESD
Human body model (HBM)
2
kV
Machine model (MM)
200
V
Charged device model
1500
V
Tlead
Lead temperature (soldering) 10 sec
260
°C
Tj
Max. junction temperature
+150
°C
Table 2. Thermal data
Symbol
Parameter
SOT323-3L
SOT23-3L
Unit
RthJA
Thermal resistance junction-ambient
246
242
°C/W
RthJC
Thermal resistance junction-case
171
103
°C/W
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
Ikmin
Minimum operating current
10
µA
Ikmax
Maximum operating current
15
mA
Toper
Operating free air temperature range
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com