Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1502 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1502
Description  STEVAL-MKI111V1 - water level detection based on the LPS001WP MEMS pressure sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1502 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1502 Datasheet HTML 8Page - STMicroelectronics UM1502 Datasheet HTML 9Page - STMicroelectronics UM1502 Datasheet HTML 10Page - STMicroelectronics UM1502 Datasheet HTML 11Page - STMicroelectronics UM1502 Datasheet HTML 12Page - STMicroelectronics UM1502 Datasheet HTML 13Page - STMicroelectronics UM1502 Datasheet HTML 14Page - STMicroelectronics UM1502 Datasheet HTML 15Page - STMicroelectronics UM1502 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Connectors, test pins and jumpers
UM1502
12/23
Doc ID 022625 Rev 1
Table 1 to Table 5 provide a detailed description of the test pins, connectors and jumpers
used in the demonstration board.
Table 1.
Connector pinout description
Connector
Description
J1
Power supply
J2
I²C interface (see also Table 5)
J3
PWM modulation (see also Table 4)
J4
Debugging / programming interface (see also Table 3)
Table 2.
Test points description
Test point
Description
TP1
Power supply, positive pole
TP2
3.3 V DC (fixed voltage output from regulator)
TP3
Power supply, negative pole (GND)
TP4
I²C interface, serial clock, SCL
TP5
I²C interface, serial data, SDA
TP6
PWM modulation
TP7
Zero offset button
Table 3.
MCU programming connector (J4)
Pin
Description
1
VDD / 5 VDC
2
SWIM / debug
3GND
4
RST / NRST / RESET
Table 4.
PWM modulation connector (J3)
Pin
Description
13.3 VDC
2
Output signal
3GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com