Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1502 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1502
Description  STEVAL-MKI111V1 - water level detection based on the LPS001WP MEMS pressure sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1502 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1502 Datasheet HTML 1Page - STMicroelectronics UM1502 Datasheet HTML 2Page - STMicroelectronics UM1502 Datasheet HTML 3Page - STMicroelectronics UM1502 Datasheet HTML 4Page - STMicroelectronics UM1502 Datasheet HTML 5Page - STMicroelectronics UM1502 Datasheet HTML 6Page - STMicroelectronics UM1502 Datasheet HTML 7Page - STMicroelectronics UM1502 Datasheet HTML 8Page - STMicroelectronics UM1502 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
UM1502
System introduction
Doc ID 022625 Rev 1
5/23
1
System introduction
1.1
Main features
The main features of the STEVAL-MKI111V1 demonstration board are:
●
Input voltage range: 5-12 V DC or direct 3.3 V DC power supply
●
LPS001WP MEMS pressure sensor, 300-1100 mbar absolute digital output barometer
●
20-pin, 8-bit STM8S103F2 MCU as main controller
●
Output signal interfaces available:
–
I²C interface
–
PWM modulation (43-38 Hz)
●
Onboard or external MEMS control (by selector)
●
“Zero” button to reset the pressure offset
●
RUN LED, OFS LED, and 5-step indicator bar
●
Standard in-circuit programming connector (SWIM, single wire interface module)
●
RoHS compliant.
1.2
Target applications
As a water level detection demonstration board, the STEVAL-MKI111V1 is mainly targeted
at the home appliance market for applications including:
●
Domestic or industrial washing machines
●
General purpose water level systems
●
Respiratory equipment.
1.3
Safety and operating instructions
1.3.1
General terms
Warning:
This demonstration board must be used in a suitable
laboratory environment only, by qualified personnel who are
familiar with the installation, use, and maintenance of
electrical systems.
1.3.2
Intended use
The STEVAL-MKI111V1 demonstration board is designed for demonstration purposes only,
and must not be used in domestic or industrial installations. The technical data, as well as
the information concerning the power supply and working conditions, must be taken from
the documentation included in the kit and strictly observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com