Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1502 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1502
Description  STEVAL-MKI111V1 - water level detection based on the LPS001WP MEMS pressure sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1502 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1502 Datasheet HTML 10Page - STMicroelectronics UM1502 Datasheet HTML 11Page - STMicroelectronics UM1502 Datasheet HTML 12Page - STMicroelectronics UM1502 Datasheet HTML 13Page - STMicroelectronics UM1502 Datasheet HTML 14Page - STMicroelectronics UM1502 Datasheet HTML 15Page - STMicroelectronics UM1502 Datasheet HTML 16Page - STMicroelectronics UM1502 Datasheet HTML 17Page - STMicroelectronics UM1502 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Bill of material
UM1502
14/23
Doc ID 022625 Rev 1
4
Bill of material
The complete list of components used to build the demonstration board is shown in Table 6.
Table 6.
Bill of material
Reference
Part
Supplier
C1
10 µF, 25 V, case size B, SMD
C2, C7
10 µF, 10 V, case size A, SMD
C3, C8
100 nF, 25 V, X7R, 0805 SMD
C4, C6
10 nF, 25 V, X7R, 0805 SMD
C5
1 µF, 25 V, X7R, 1206 SMD
DL1, DL2, DL3, DL4, DL5, DL6
LED, red, 5 mA, Ø 3 mm
DL7
LED, green, 5 mA, Ø 3 mm
D1
1N4007, SMA SMD
J1, JP1
Stripline 2P, 2.54 mm
J2, J4
Stripline 4P, 2.54 mm
J3
Stripline 3P, 2.54 mm
P1
Tact switch, 6x6 mm, through hole
R1, R6
10 k
Ω, 1%, 0805 SMD
R2, R3, R7, R8, R9, R10, R11
560
Ω, 1%, 0805 SMD
R4, R5
4.7 k
Ω, 1%, 0805 SMD
R12
0
Ω, 1206 SMD
TP1, TP2, TP3, TP4, TP5, TP6, TP7
Test point
U1
LD1117S33TR, SOT-223
STMicroelectronics
U2
STM8S103F2P6, TSSOP20
STMicroelectronics
U3
LPS001WP, HCLGA-8L
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com