Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1502 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM1502
Description  STEVAL-MKI111V1 - water level detection based on the LPS001WP MEMS pressure sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1502 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM1502 Datasheet HTML 15Page - STMicroelectronics UM1502 Datasheet HTML 16Page - STMicroelectronics UM1502 Datasheet HTML 17Page - STMicroelectronics UM1502 Datasheet HTML 18Page - STMicroelectronics UM1502 Datasheet HTML 19Page - STMicroelectronics UM1502 Datasheet HTML 20Page - STMicroelectronics UM1502 Datasheet HTML 21Page - STMicroelectronics UM1502 Datasheet HTML 22Page - STMicroelectronics UM1502 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Software customization and real-time debug
UM1502
20/23
Doc ID 022625 Rev 1
6
Software customization and real-time debug
The STEVAL-MKI111V1 demonstration board can be fully adapted to the container the user
intends to test. The firmware included in the demonstration board kit is provided as open
source. The demonstration board can be connected to an ST debugging tool with SWIM
interface in order to read in real-time the signals coming from the MEMS sensor.
6.1
Pressure signal
The pressure read by the MEMS sensor is stored in a variable which is constantly updated
in an infinite loop. To avoid oscillations and reduce the error introduced by false readings,
the variable holds an average pressure value, which is obtained out of 8 raw readings
coming from the MEMS sensor. Pressure readings are expressed as absolute values.
Pressure signal:
Average_Pressure
6.2
Temperature signal
The temperature read by the MEMS sensor is stored in a variable which is constantly
updated in an infinite loop. To avoid oscillations and reduce the error introduced by false
readings, the variable holds an average temperature value, which is obtained out of 8 raw
readings coming from the MEMS sensor. Temperature readings are expressed as 2’s
complement numbers.
Pressure signal:
Average_Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com