Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2032 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 9Page - STMicroelectronics UM2032 Datasheet HTML 10Page - STMicroelectronics UM2032 Datasheet HTML 11Page - STMicroelectronics UM2032 Datasheet HTML 12Page - STMicroelectronics UM2032 Datasheet HTML 13Page - STMicroelectronics UM2032 Datasheet HTML 14Page - STMicroelectronics UM2032 Datasheet HTML 15Page - STMicroelectronics UM2032 Datasheet HTML 16Page - STMicroelectronics UM2032 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
DocID029078 Rev 2
13/48
UM2032
Hardware layout and configuration
47
area. A jumper should be placed in location E5V of jumper JP3, connecting pin 1 to pin
2 of JP3. The green LED LD6 is lighted on to confirm the presence of +5 V voltage.
5 V DC from +5 V pin of Arduino Uno V3 connector (CN2 pin 5) with limitations. The
jumpers on JP3 and CN5 have to be removed, SB21 (NRST) and SB28 (SWO) have to
be opened. In such configuration the ST-LINK/V2-1 MCU is not powered, as
consequence the 8 MHz of the ST-LINK/V2-1 cannot be used as external input clock
for the STM32.
For details on JP3 jumper setting refer to Table 2: Power-supply-related jumper settings.
6.3.2
STM32 power supply options
The 32F412GDISCOVERY offers the possibility to supply the STM32 under 2.0 V or 3.3 V.
A jumper has to be placed in location 2.0 V of JP5 to supply the STM32 under 2.0 V, then
pins 2 and 3 are connected. Similarly the jumper has to be placed in 3.3 V to supply the
STM32 with 3.3 V, then pins 1 and 2 of JP5 are connected.
For details on JP5 jumper setting refer to Table 2: Power-supply-related jumper settings.
6.3.3
Modification of STM32 voltage
Regulator U16 LD1117STR is dedicated to the 2.0 V supply. The output voltage of U16 is by
default 2.0 V but it is adjustable depending on the resistors R90 and R92 which are by
default 120 and 68 ohms respectively. The output voltage is calculated as following:
with VREF = 1.25 V.
If necessary, resistors R90 and R92 can be changed to modify the STM32 supply voltage.
R90 and R92 are easily located bottom side of the discovery kit near U16 (see Figure 5 and
Figure 8).
VOUT
VREF
1
R92
()
R90
()
÷
+
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com