Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2032 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 18Page - STMicroelectronics UM2032 Datasheet HTML 19Page - STMicroelectronics UM2032 Datasheet HTML 20Page - STMicroelectronics UM2032 Datasheet HTML 21Page - STMicroelectronics UM2032 Datasheet HTML 22Page - STMicroelectronics UM2032 Datasheet HTML 23Page - STMicroelectronics UM2032 Datasheet HTML 24Page - STMicroelectronics UM2032 Datasheet HTML 25Page - STMicroelectronics UM2032 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Hardware layout and configuration
UM2032
22/48
DocID029078 Rev 2
6.13
Quad-SPI NOR Flash memory
A 128-Mbit Quad-SPI NOR Flash memory (N25Q128A13EF840E from MICRON) is
connected to the Quad-SPI interface of the STM32F412ZGT6 microcontroller.
Note that QSPI_CLK (port PB2) is sampled by the STM32F412ZGT6 at start-up as the
BOOT1 bit. If necessary, the user can set the BOOT1 state by fitting one of the resistors
R100 or R104. By default R100 and R104 are not fitted. Refer to Section 6.7: Boot options
for more details.
Limitations: The Quad-SPI memory is not working when the STM32 is supplied with 2 V.
6.14
Virtual COM port
The serial interface USART2 is directly available through a USB virtual COM port of the
ST-LINK/V2-1. The USB connector is CN6.
6.15
Arduino Uno V3 connectors
CN1, CN2, CN11 and CN12 are female connectors compatible with Arduino Uno V3
standard. Most shields designed for Arduino Uno V3 can fit to the 32F412GDISCOVERY
discovery kit.
Caution:
The IOs of STM32 microcontroller are 3.3 V compatible instead of 5 V for Arduino Uno V3.
Table 5. Arduino Uno V3 compatible connectors
Left connectors
Right connectors
CN No.
Pin
No.
Pin name STM32 pin
Function
Function
STM32
pin
Pin
name
Pin No.
CN No.
-
-
-
-
-
I2C2_SCL
PB10
D15
10
CN12
Digital
-I2C2_SDA
PB9
D14
9
---
-
-
AVDD
-
AVDD
8
-
-
-
-
-
Ground
-
GND
7
CN2
Power
1-
-
Not
connected
SPI1_SCK
PA5
D13
6
2
IOREF
-
3.3 V
SPI1_MISO
PA6
D12
5
3
NRST
NRST
Reset
TIM3_CH2,
SPI1_MOSI
PA7
D11
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com