Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2032 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 19Page - STMicroelectronics UM2032 Datasheet HTML 20Page - STMicroelectronics UM2032 Datasheet HTML 21Page - STMicroelectronics UM2032 Datasheet HTML 22Page - STMicroelectronics UM2032 Datasheet HTML 23Page - STMicroelectronics UM2032 Datasheet HTML 24Page - STMicroelectronics UM2032 Datasheet HTML 25Page - STMicroelectronics UM2032 Datasheet HTML 26Page - STMicroelectronics UM2032 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
DocID029078 Rev 2
23/48
UM2032
Hardware layout and configuration
47
Note:1
Important, before using pin 4 of CN2 as +3.3V input, insure that the solder bridge SB4 is
removed. Otherwise the 32F412GDISCOVERY discovery kit could be damaged by the
overcurrent.
Note:2
The external voltage applied to pin VIN should be in the range 6 to 9V at 25°C ambient
temperature. If a higher voltage is applied, the regulator U3 may overheat and could be
damaged.
Note:3
By default pin 5 and pin 6 of connector CN1 are connected respectively to the port PC5
(ADC1_IN15) and BP0 (ADC1_IN8) of the STM32. They are enabled by the default
configuration of the solder bridges: SB8 and SB6 closed, SB7 and SB5 opened. In case it is
necessary to have an I2C interface instead of ADC inputs on pins 5 and 6 of CN1, open SB8
and SB6, and close SB7 and SB5.
Note:4
Important, before using pin 4 of CN2 as +5 V input, insure the jumpers and solder bridges
are configured according to 5 V DC power input defined in Section 6.3.1: Power supply
sources. Otherwise the 32F412GDISCOVERY discovery kit could be damaged by the
overcurrent.
CN2
Power
4+3V3
-
+3.3 V
input/output
(see Note:1)
TIM2_CH1,
SPI1_NSS
PA15
D10
3
CN12
Digital
5+5 V
-
+5 V
input/output
(see Note:4)
TIM4_CH3
PB8
D9
2
6
GND
-
Ground
-
PG10
D8
1
7
GND
-
Ground
-
-
-
-
8VIN
-
+6V to +9V
power input
(see Note:2)
-PG11
D7
8
CN11
Digital
---
-
-
TIM5_CH1
PF3
D6
7
CN1
Analog
1
A0
PA1
ADC1_IN1
TIM5_CH4
PF10
D5
6
2
A1
PC1
ADC1_IN11
-
PG12
D4
5
3
A2
PC3
ADC1_IN13
TIM5_CH2
PF4
D3
4
4
A3
PC4
ADC1_IN14
-
PG13
D2
3
5A4
PC5 or PB9
(see Note:3)
ADC1_IN15
or
I2C2_SDA
(see Note:3)
USART6_TX
PG14
D1
2
6A5
PB0 or PB10
(see Note:3)
ADC1_IN8
or
I2C2_SCL
(see Note:3)
USART6_RX
PG9
D0
1
Table 5. Arduino Uno V3 compatible connectors (continued)
Left connectors
Right connectors
CN No.
Pin
No.
Pin name STM32 pin
Function
Function
STM32
pin
Pin
name
Pin No.
CN No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com