Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2032 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM2032
Description  Discovery kit with STM32F412ZG MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2032 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM2032 Datasheet HTML 24Page - STMicroelectronics UM2032 Datasheet HTML 25Page - STMicroelectronics UM2032 Datasheet HTML 26Page - STMicroelectronics UM2032 Datasheet HTML 27Page - STMicroelectronics UM2032 Datasheet HTML 28Page - STMicroelectronics UM2032 Datasheet HTML 29Page - STMicroelectronics UM2032 Datasheet HTML 30Page - STMicroelectronics UM2032 Datasheet HTML 31Page - STMicroelectronics UM2032 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Hardware layout and configuration
UM2032
28/48
DocID029078 Rev 2
6.17.3
Backlight
LEDK and LEDA signals of the LCD module are the cathode and the anode respectively of
the backlight LEDs.
The backlight requires a current source of typically 15 mA capable to deliver a voltage up to
10 V. This function is handled by the backlight-driver circuit STLD40DPUR that is a
switching-mode-boost converter, supplied by the +5 V rail of the discovery kit.
The high level on the signal LCD_BLCTRL (PF5) lights the backlight on. It is possible to dim
the backlight intensity by applying a low-frequency PWM signal to LCD_BLCTRL (1 to
10 kHz).
6.17.4
Touch panel
The touch panel is a capacitive touch panel using an I2C interface. The 10-pin connector
CN14 of the touch panel is located at the bottom side of the discovery kit (see Figure 5:
32F412GDISCOVERY bottom layout). The I2C SDA line is connected to PB7 and the I2C
SCL line is connected to PB6. An interrupt output CTP_INT is connected to port PG5 to be
used as an interruption input of the microcontroller. Port PF12 is the reset of the capacitive
touch panel.
6.18
Joystick and LEDs
The blue button B2 is a 4-direction joystick with a selection mode when pressed in the
center. The logic state is high when one of the five-position switches (Left, Right, Up, Down,
Selection) is pressed. The center position is connected to a wake-up pin of the
microcontroller PA0. This offers the possibility to wake-up the microcontroller by pressing
the center of the joystick.
Four LEDs located near the Arduino Uno V3 connectors CN1 and CN2 are available for the
user (refer to the Figure 4: 32F412GDISCOVERY top layout). From left to right the user
finds LD1, LD2, LD3 and LD4 with their colors green, orange, red and blue respectively. To
light a LED a low-logic state 0 must be written in the corresponding GPIO.
Table 10 gives the assignment of control ports to the LED indicators.
9
D2
10
+3.3V
11
D3
12
VDD
13
LCD_TE
14
LCD_RESET
15
D4
16
D5
17
D6
18
D7
19
D8
20
D9
21
D10
22
D11
23
D12
24
D13
25
D14
26
D15
Table 9. Pin assignment for connector CN7 (continued)
CN7 odd pins
Signal name
CN7 even pins
Signal name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com