Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PLD Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER0PLD
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PLD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER0PLD Datasheet HTML 4Page - STMicroelectronics VIPER0PLD Datasheet HTML 5Page - STMicroelectronics VIPER0PLD Datasheet HTML 6Page - STMicroelectronics VIPER0PLD Datasheet HTML 7Page - STMicroelectronics VIPER0PLD Datasheet HTML 8Page - STMicroelectronics VIPER0PLD Datasheet HTML 9Page - STMicroelectronics VIPER0PLD Datasheet HTML 10Page - STMicroelectronics VIPER0PLD Datasheet HTML 11Page - STMicroelectronics VIPER0PLD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Electrical and thermal ratings
VIPer0P
8/36
DocID028423 Rev 2
Table 4: Avalanche characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IAR
Avalanche current
Repetitive and
non-repetitive.
Pulse-width limited by TJmax
0.8
A
EAS
Single pulse avalanche
energy (1)
IAS = IAR; VDS = 100 V;
Starting TJ = 25 °C
0.5
mJ
Notes:
(1)Parameter derived by characterization.
2.1
Electrical characteristics
Tj = -40 to 125 °C, VCC = 9 V (unless otherwise specified).
Table 5: Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBVDSS
Breakdown voltage
IDRAIN = 1 mA,
VCOMP = SGND, TJ = 25 °C
800
V
IDSS
Drain-Source leakage
current
VDS = 400 V,
VCOMP = SGND, TJ = 25 °C
1
µA
RDS(on)
Static drain-source
ON-resistance
IDRAIN = 200 mA, TJ = 25 °C
20
Ω
IDRAIN = 200 mA, TJ = 125 °C
40
COSS EQ
Equivalent output
capacitance
VGS = 0; VDS = 0 to 640 V,
TJ = 25 °C
10
pF
Table 6: Supply section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
High voltage startup current source
VBVDSS_SU
Breakdown voltage of
startup MOSFET
800
V
VHV_START
Drain-Source start up
voltage
40
80
V
RG
Startup resistor
VFB > VFB_REF,
VDRAIN = 400 V,
VDRAIN = 600 V
28
34
40
MΩ
ICH1
VCC charging current at
startup
VFB > VFB_REF,
VDRAIN = 100 V,
VCC = 0 V, TJ = 25 °C
0.7
1
1.3
mA
ICH2
VCC charging current at
startup
VFB > VFB_REF,
VDRAIN = 100 V,
VCC = 1 V, TJ = 25 °C
2.3
3.2
4.1
ICH3 (1)
Max. VCC charging
current in self-supply
VFB > VFB_REF,
VDRAIN = 100 V,
VCC = 6 V, TJ = 25 °C
6.4
7.8
9.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com