Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PLD Datasheet(PDF) 22 Page - STMicroelectronics

Part # VIPER0PLD
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PLD Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VIPER0PLD Datasheet HTML 18Page - STMicroelectronics VIPER0PLD Datasheet HTML 19Page - STMicroelectronics VIPER0PLD Datasheet HTML 20Page - STMicroelectronics VIPER0PLD Datasheet HTML 21Page - STMicroelectronics VIPER0PLD Datasheet HTML 22Page - STMicroelectronics VIPER0PLD Datasheet HTML 23Page - STMicroelectronics VIPER0PLD Datasheet HTML 24Page - STMicroelectronics VIPER0PLD Datasheet HTML 25Page - STMicroelectronics VIPER0PLD Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
General description
VIPer0P
22/36
DocID028423 Rev 2
In case of ZPM management by MCU only (see Figure 30: "ZPM fully managed by MCU")
the MCU shuts down the SMPS by pulling low OFF and wakes it up as well by pulling low
ON. Two of its GPIOs are used. The MCU is powered also during ZPM using the resistive
pull-up available at ON (RON
, 45 kΩ typical), provided that it is rated for 3.3 V supply
voltage, and equipped with an ultra-low consumption Standby Mode.
Since in ZPM the device is supplied with extremely low current, it is naturally prone to pick
up noise. If the device is required to work in a noisy environment, it is recommended to
connect a film capacitor (tens to some hundreds pF) across ON and OFF versus SGND. If
the device is disconnected from the mains or there is a mains interruption while in ZPM, the
information in the logic is lost. When the input source is applied again, the IC will be
restarted in normal mode.
The ultimate aim of ZPM function is to enable the realization of PSUs able to comply with
the European regulation 1275/2008 as far as the standby and off-mode power consumption
of appliances is concerned. To meet this target a careful system-level design is required.
The total input consumption is therefore reduced to the residual consumption lower than 4
mW at 230 VAC that can be rounded to zero based on the IEC62301 that sets to 10 mW the
minimum accuracy of the standby power measurements.
Figure 29: ZPM managed in mixed mode
Figure 30: ZPM fully managed by MCU
VIPer0P
OFF
MCU
V
AUX
GPIO
ON
Power-ON
Active low output
C
B
GIPD280420151131MT
VIPer0P
Active low
outputs
ON
V
AUX
OFF
Power-ON/OFF
45 k
W
4 V
MCU
GPIO
GPIO
C
B
GIPD250820151513FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com