Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PLD Datasheet(PDF) 12 Page - STMicroelectronics

Part # VIPER0PLD
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PLD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VIPER0PLD Datasheet HTML 8Page - STMicroelectronics VIPER0PLD Datasheet HTML 9Page - STMicroelectronics VIPER0PLD Datasheet HTML 10Page - STMicroelectronics VIPER0PLD Datasheet HTML 11Page - STMicroelectronics VIPER0PLD Datasheet HTML 12Page - STMicroelectronics VIPER0PLD Datasheet HTML 13Page - STMicroelectronics VIPER0PLD Datasheet HTML 14Page - STMicroelectronics VIPER0PLD Datasheet HTML 15Page - STMicroelectronics VIPER0PLD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Typical electrical characteristics
VIPer0P
12/36
DocID028423 Rev 2
3
Typical electrical characteristics
Figure 3: IDLIM vs TJ
Figure 4: ION vs VON
Figure 5: FOSC vs TJ
Figure 6: VHV_START vs TJ
Figure 7: VFB_REF vs TJ
Figure 8: Quiescent current Iq vs TJ
0.9
1
1.1
-50
0
50
100
150
IDLIM/(IDLIM@25°C)
Tj(°C)
GIPD160720151000MT
GIPD160720151001MT
0
5
10
15
20
25
30
2.75
3.25
3.75
4.25
I
ON (µA)
V
ON (V)
GIPD160720151002MT
0.95
1
1.05
-50
0
50
100
150
F
OSC /(FOSC @25°C)
T
j(°C)
0.5
0.75
1
1.25
1.5
-50
0
50
100
150
V
HV_START/(VHV_START@25°C)
T
j(°C)
GIPD160720151004MT
GIPD160720151005MT
0.95
1
1.05
-50
0
50
100
150
T
j(°C)
VFB_REF/ (VFB_REF@ 25°C)
GIPD160720151006MT
0.8
0.9
1
1.1
1.2
-50
0
50
100
150
I
q /(Iq @25°C)
T
j(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com