Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER0PLD Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPER0PLD
Description  Zero-power off-line high voltage converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER0PLD Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPER0PLD Datasheet HTML 13Page - STMicroelectronics VIPER0PLD Datasheet HTML 14Page - STMicroelectronics VIPER0PLD Datasheet HTML 15Page - STMicroelectronics VIPER0PLD Datasheet HTML 16Page - STMicroelectronics VIPER0PLD Datasheet HTML 17Page - STMicroelectronics VIPER0PLD Datasheet HTML 18Page - STMicroelectronics VIPER0PLD Datasheet HTML 19Page - STMicroelectronics VIPER0PLD Datasheet HTML 20Page - STMicroelectronics VIPER0PLD Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
VIPer0P
General description
DocID028423 Rev 2
17/36
4.4
High voltage startup
The embedded high voltage startup includes both the 800 V startup FET, whose gate is
biased through the resistor RG, and the switchable HV current source, delivering the current
IHV. The major portion of IHV, (ICH), charges the capacitor connected to VCC. A minor
portion is sunk by the controller block.
At start up, as the voltage across the DRAIN pin exceeds the VHV_START threshold, the HV
current source is turned on, charging linearly the Cs capacitor. At the very beginning of the
start-up, when Cs is fully discharged, the charging current is low (ICH1 = 1 mA typ.) in order
to avoid IC damaging in case VCC is accidentally shorted to SGND. As VCC exceeds 1 V,
ICH is increased to ICH2 (3.2 mA, typ.) in order to speed up the charging of CS.
As VCC reaches the startup threshold VCCon (8 V typ.) the chip starts operating, the primary
MOSFET is enabled to switch, the HV current source is disabled and the device is powered
by the energy stored in the CS capacitor.
In steady-state the IC supports two different kind of supplies: self-supply and external
supply, as shown in Figure 25: "IC supply modes: self-supply and external supply".
Figure 25: IC supply modes: self-supply and external supply
In self-supply only a capacitor CS is connected to the VCC and the device is supplied by
the energy stored in CS. After the IC startup, due to its internal consumption, the VCC
decays to VCSon (4.25 V, typ.) and the HV current source is turned on delivering the current
ICH3 (7.8 mA typ.) until VCC is recharged to VCCon. The HV current source is reactivated
when VCC decays to VCSon again. The ICH3 is supplied during the switching OFF time only.
In external supply the HV current source is always kept off by maintaining the VCC above
VCSon. This can be obtained through a transformer auxiliary winding or a connection from
the output, the latter only in case of non-isolated topology. In this case the residual
consumption is given by the power dissipated on RG, calculated as follows:
GIPD160720151024MT
ICH
VCC
Self -supply
External supply
from the output
from auxiliary winding
VOUT
ICH
VCC
ICH
VCC
VAux
CS
CS
CS
G
INDC
d
R
V
P
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com