Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5954 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5954
Description  Multiple multifunction voltage regulator for car radio
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5954 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5954 Datasheet HTML 3Page - STMicroelectronics L5954 Datasheet HTML 4Page - STMicroelectronics L5954 Datasheet HTML 5Page - STMicroelectronics L5954 Datasheet HTML 6Page - STMicroelectronics L5954 Datasheet HTML 7Page - STMicroelectronics L5954 Datasheet HTML 8Page - STMicroelectronics L5954 Datasheet HTML 9Page - STMicroelectronics L5954 Datasheet HTML 10Page - STMicroelectronics L5954 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
L5954
Electrical specifications
Doc 17717 Rev 1
7/15
ΔV
line
Line regulation
11 V
≤ V
CC ≤ 26 V
(Measure
Δ V
REG1 across VCC
range)
--
55
mV
ΔV
load
Load regulation
5 mA
≤ I
REG1 ≤ 350 mA
-
-
55
mV
VDROPOUT
Dropout voltage (measure VBAT-
VREG1 when VREG1 drops 0.1 V)
(Measure VBAT- VREG1 when
VREG1 drops 0.1 V)
IREG1 = 350 mA
IREG1 = 5 mA
--
900
300
mV
mV
Ilim1
Current limit
-
0.51
-
1.1
A
SVR
Ripple rejection
fo = 1 kHz, VBAT = 14 V
with 1Vpp AC
IREG1 = 175 mA
50
-
-
dB
8.5 V / 175 mA Reg 2 output
VREG2
Output voltage
IREG2 = 175 mA
9.5 V
≤ VB
AT ≤ 16 V
8.0
8.5
9.0
V
ΔV
line
Line regulation
9.5 V
≤ V
BAT ≤ 26 V
(Measure
Δ V
REG2 across VBAT
Range)
--
50
mV
ΔV
load
Load regulation
5 mA
≤ I
REG2 ≤ 175mA
-
-
50
mV
VDROPOUT Dropout voltage
(Measure VBAT- VREG2 when
VREG2 drops 0.1 V)
IREG2 = 175 mA
IREG2 = 5 mA
--
900
300
mV
mV
Ilim2
Current limit
-
280
-
525
mA
SVR
Ripple rejection
fo = 1 kHz, VBAT = 14 V
with 1 Vpp AC
IREG2 = 100 mA
50
-
-
dB
5 V / 350 mA Reg 3 output
VREG3
Voltage offset from VREF
-
-
10
40
mV
ΔV
line
Line regulation
7 V
≤ V
BAT ≤ 26 V
(Measure
Δ V
REG3 across VBAT
range)
--
50
mV
ΔV
load
Load regulation
5 mA
≤ I
REG3 ≤ 350 mA
-
-
100
mV
VDROPOUT
Dropout voltage (Measure VBAT-
VREG3 when VREG3 drops 0.1V)
(Measure VBAT- VREG3 when
VREG3 drops 0.1 V)
IREG3 = 175 mA
IREG3 = 5 mA
--
950
600
mV
mV
Ilim3
Current limit
-
0.5
-
1
A
SVR
Ripple rejection
fo = 1 kHz, VBAT = 14 V
with 1 Vpp AC, IREG3 = 175 mA
50
-
-
dB
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com