Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5954 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5954
Description  Multiple multifunction voltage regulator for car radio
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5954 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5954 Datasheet HTML 7Page - STMicroelectronics L5954 Datasheet HTML 8Page - STMicroelectronics L5954 Datasheet HTML 9Page - STMicroelectronics L5954 Datasheet HTML 10Page - STMicroelectronics L5954 Datasheet HTML 11Page - STMicroelectronics L5954 Datasheet HTML 12Page - STMicroelectronics L5954 Datasheet HTML 13Page - STMicroelectronics L5954 Datasheet HTML 14Page - STMicroelectronics L5954 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
L5954
Functional description
Doc 17717 Rev 1
11/15
3.1.4
Overvoltage
The IC will not operate if the BAT voltage reaches 27 V typ. or above.
Figure 3.
Definition of timing on the I2C bus.
Figure 4.
Typical application circuit.
3.1.5
Write mode
S = START condition - SDA goes from high to low while SCL is high
A = Acknowledge - the device being written to, pulls down on data line (SDA) during the
acknowledge clock pulse.
P = STOP condition - SDA goes from low to high while SCL is high.
tBUP
PS
P
SDA
SCL
Sr
tLOW
tR
tF
tHD;DAT
tHD;DAT
tSU;DAT
tSU;STA
tHD;STA
tSU;STO
D99AU1007
tSP
tHIGH
FBATT
VREF
C14
10
μF
C12
10
μF
C10
10
μF
C8
10
μF
C6
10
μF
1000
μF
0.1
μF
EN
REG5
REG4
REG3
REG2
REG1
REG5
HSD1
ENABLE
BAT
VREF
SCL
SDA
GND
REG4
REG3
HSD2
HSD3
HSD1
HSD2
HSD3
D99AU1010A
REG2
REG1
(*) ESR of output capacitors should be between 0.1
Ω and 5.0Ω.
CHIP ADDRESS
DATA BYTE
S
0
A
A
..
..
P
MSB
LSB
MSB
LSB
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com