Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5954 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L5954
Description  Multiple multifunction voltage regulator for car radio
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5954 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L5954 Datasheet HTML 7Page - STMicroelectronics L5954 Datasheet HTML 8Page - STMicroelectronics L5954 Datasheet HTML 9Page - STMicroelectronics L5954 Datasheet HTML 10Page - STMicroelectronics L5954 Datasheet HTML 11Page - STMicroelectronics L5954 Datasheet HTML 12Page - STMicroelectronics L5954 Datasheet HTML 13Page - STMicroelectronics L5954 Datasheet HTML 14Page - STMicroelectronics L5954 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Functional description
L5954
12/15
Doc 17717 Rev 1
3.1.6
Chip address byte
3.1.7
Data byte
Default mode is 0000 0000 which corresponds to all outputs being off, low power mode.
Bit 5 Controls the output voltage of REG4. A '0' corresponds to 8 V and a '1' corresponds to
10 V.
Chip address
Read/write
A7
A6
A5
A4
A3
A2
A1
A0
0001
000
0
DAta byte
REG1
R4 10V
REG4
REG5
HSD1
HSD2
HSD3
b7
b6
b5
b4
b3
b2
b1
b0
X
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com