Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5954 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L5954
Description  Multiple multifunction voltage regulator for car radio
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5954 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L5954 Datasheet HTML 5Page - STMicroelectronics L5954 Datasheet HTML 6Page - STMicroelectronics L5954 Datasheet HTML 7Page - STMicroelectronics L5954 Datasheet HTML 8Page - STMicroelectronics L5954 Datasheet HTML 9Page - STMicroelectronics L5954 Datasheet HTML 10Page - STMicroelectronics L5954 Datasheet HTML 11Page - STMicroelectronics L5954 Datasheet HTML 12Page - STMicroelectronics L5954 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
L5954
Electrical specifications
Doc 17717 Rev 1
9/15
0.45A HSD2 and HSD3
Vsat
Output saturation voltage
IHSD2,3 = 300 mA
Continuous time operation
--
0.6
V
Ileak2,3
Output leakage current
All driver outputs are off
-50
-
50
µA
Ilim
Current limiting
RHSD2,3 = 0.5 Ω
0.56
-
1
A
Characteristics for I2C
VIL
Low level input voltage
-
-
-
1.5
V
VIH
High level input voltage
-
3
-
-
V
VHYS
Input hysteresis
-
0.2
-
-
V
VOL1
VOL2
Low level output
Sink current = 3 mA
Sink current = 6 mA
--
0.4
0.6
V
V
II
Input current
0.4 V
≤ V
I ≤ 0.9 VDDmax
-10
-
10
µA
fSCL
SCL clock frequency
-
-
-
400
kHz
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com