Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6599AT Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6599AT
Description  Improved high voltage resonant controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6599AT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6599AT Datasheet HTML 5Page - STMicroelectronics L6599AT Datasheet HTML 6Page - STMicroelectronics L6599AT Datasheet HTML 7Page - STMicroelectronics L6599AT Datasheet HTML 8Page - STMicroelectronics L6599AT Datasheet HTML 9Page - STMicroelectronics L6599AT Datasheet HTML 10Page - STMicroelectronics L6599AT Datasheet HTML 11Page - STMicroelectronics L6599AT Datasheet HTML 12Page - STMicroelectronics L6599AT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
DocID15534 Rev 7
9/32
L6599AT
Electrical characteristics
32
5
Electrical characteristics
TJ = - 40 to 125 °C, VCC = 15 V, VBOOT = 15 V, CHVG = CLVG = 1 nF; CF = 470 pF;
RRFmin = 12 k; unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IC supply voltage
Vcc
Operating range
After device turn-on
8.85
16
V
VccOn
Turn-on threshold
Voltage rising
10
10.7
11.4
V
VccOff
Turn-off threshold
Voltage falling
7.45
8.15
8.85
V
Hys
Hysteresis
2.55
V
VZ
Vcc clamp voltage
Iclamp = 15 mA
16
17
V
Supply current
Istart-up
Startup current
Before device turn-on
Vcc = VccOn- 0.2 V
200
250
µA
Iq
Quiescent current
Device on, VSTBY = 1 V
1.5
2
mA
Iop
Operating current
Device on, VSTBY = VRFmin
3.5
5
mA
Iq
Residual consumption
VDIS > 1.85 V or VDELAY > 3.5 V
or VLINE < 1.24 V or VLINE = Vclamp
300
400
µA
High-side floating gate-drive supply
ILKBOOT
VBOOT pin leakage current
VBOOT = 580 V
5
µA
ILKOUT
OUT pin leakage current
VOUT = 562 V
5
µA
RDS(on)
Synchronous bootstrap
diode on-resistance
VLVG = HIGH
150
Overcurrent comparator
IISEN
Input bias current
VISEN = 0 to VISENdis
-1
µA
tLEB
Leading edge blanking
After VHVG and VLVG low-to-high
transition
250
ns
VISENx
Frequency shift threshold
Voltage rising(1)
0.76
0.8
0.84
V
Hysteresis
Voltage falling
50
mV
VISENdis
Latch-off threshold
Voltage rising(1)
1.44
1.5
1.56
V
td(H-L)
Delay to output
300
400
ns
Line sensing
Vth
Threshold voltage
Voltage rising or falling(1)
1.2
1.24
1.28
V
IHys
Current hysteresis
VLINE = 1.1 V
10
13
16
µA
Vclamp
Clamp level
ILINE = 1 mA
6
8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com